Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7510-500 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-7510-500
Description  Isolated Linear Sensing IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7510-500 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-7510-500 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7510-500 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7510-500 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7510-500 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7510-500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7510-500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7510-500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7510-500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7510-500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01.
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics[1]
Description
Symbol
Characteristic Unit
Installation classification per DIN EN 0110-1/1997-04, Table 1
for rated mains voltage - 150 Vrms
I – IV
for rated mains voltage - 300 Vrms
I – III
for rated mains voltage - 600 Vrms
I – II
Climatic Classification
55/100/21
Pollution Degree (DIN EN 0110-1/1997-04)
2
Maximum Working Insulation Voltage
VIORM
891
Vpeak
Input to Output Test Voltage, Method b[2]
VIORM x 1.875 = VPR, 100% production test with tm = 1 sec, partial discharge <5 pC
VPR
1670
Vpeak
Input to Output Test Voltage, Method a[2]
VIORM x 1.5 = VPR, type and sample test, tm = 60 sec, partial discharge <5 pC
VPR
1336
Vpeak
Highest Allowable Overvoltage (transient overvoltage tini = 10 sec)
VIOTM
6000
Vpeak
Safety-limiting values – maximum values allowed in the event of a failure.
Case Temperature
TS
175
°C
Input Current[3]
IS, INPUT
400
mA
Output Power[3]
PS, OUTPUT 600
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
Notes:
1. Insulation characteristics are guaranteed only within the safety maximum ratings which must be
ensured by protective circuits within the application. Surface Mount Classifications is Class A in
accordance with CECC00802.
2. Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog,
under Product Safety Regulations section,
(IEC/EN/DIN EN 60747-5-2) for a detailed description of Method a and Method b partial
discharge test profiles.
3. Refer to the following figure for dependence of PS and IS on ambient temperature.
Regulatory Information
The HCPL-7510 has been approved by the following organizations:
UL
Approved under UL 1577, component recognition
program up to VISO = 3750 VRMS. File E55361.
CSA
Approved under CSA Component Acceptance
Notice #5, File CA 88324.
0
0
TS – CASE TEMPERATURE – C
200
600
400
25
800
50
75
100
200
150 175
PS (mW)
125
100
300
500
700
IS (mA)


Similar Part No. - HCPL-7510-500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
More results

Similar Description - HCPL-7510-500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7510 AVAGO-HCPL-7510 Datasheet
232Kb / 16P
   Isolated Linear Sensing IC
logo
Agilent(Hewlett-Packard...
HCPL7520 HP-HCPL7520 Datasheet
129Kb / 15P
   Isolated Linear Sensing IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7520 AVAGO-HCPL-7520 Datasheet
231Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-000E AVAGO-HCPL-7520-000E Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520-300 AVAGO-HCPL-7520-300 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7520 AVAGO-HCPL-7520 Datasheet
248Kb / 16P
   Isolated Linear Sensing IC
HCPL-7510-360E AVAGO-HCPL-7510-360E Datasheet
586Kb / 17P
   HCPL-7510 Isolated Linear Sensing IC
logo
Infineon Technologies A...
IR2171 INFINEON-IR2171 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60192 revG
IR2175 INFINEON-IR2175 Datasheet
109Kb / 7P
   LINEAR CURRENT SENSING IC
Data Sheet No. PD60208 Rev. E
logo
International Rectifier
IR2171 IRF-IR2171_06 Datasheet
147Kb / 6P
   LINEAR CURRENT SENSING IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com