Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2726GA Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA2726GA
Description  PDIC for DVD-RW and RAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2726GA Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA2726GA Datasheet HTML 4Page - Sony Corporation CXA2726GA Datasheet HTML 5Page - Sony Corporation CXA2726GA Datasheet HTML 6Page - Sony Corporation CXA2726GA Datasheet HTML 7Page - Sony Corporation CXA2726GA Datasheet HTML 8Page - Sony Corporation CXA2726GA Datasheet HTML 9Page - Sony Corporation CXA2726GA Datasheet HTML 10Page - Sony Corporation CXA2726GA Datasheet HTML 11Page - Sony Corporation CXA2726GA Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
CXA2726GA
- 8 -
Note) 1. Output offset voltage: VC is the reference.
2. The output voltage represents the potential variation of the output pin between the optical emission
and the dark state.
3. Items with an asterisk (*) are design confirmation items.
4. Measurement by optical input: Measurement is made by emitting light to the center of each
photodiode.
5. The load conditions (for VC) are as follows.
A to D: 2k
Ω//20pF, E+I to H+L, WPP1, WPP2: 6kΩ//20pF, RF+, RF–: (1µF + (1.3kΩ//10pF))//10pF
Maximum output
potential
(WPP1, WPP2)
Vomax
λ = 650nm, 780nm, Po = 1mW
2.0
2.2
V
Maximum output
potential
(RF+)
Vomax
λ = 650nm, 780nm, Po = 1mW
3.8
4.0
V
Minimum output potential
(RF–)
Vomin
λ = 650nm, 780nm, Po = 1mW
1.0
1.2
V
Frequency response
(A to D) *
fc
λ = 650nm, 780nm
Po = 10
µWDC + 4µWp-p
100kHz reference, –3dB
90
120
MHz
Frequency response
(E+I to H+L) *
fc
λ = 650nm, 780nm
Po = 10
µWDC + 4µWp-p
100kHz reference, –3dB
20
30
MHz
Frequency response
(WPP1, WPP2) *
fc
λ = 650nm, 780nm
Po = 10
µWDC + 4µWp-p
100kHz reference, –3dB
90
120
MHz
Frequency response
((RF+) – (RF–)) *
fc
λ = 650nm, 780nm
Po = 10
µWDC + 4µWp-p
100kHz reference, –3dB
90
120
MHz
Group delay difference 1
(A to D) *
∆Gd1
100kHz to 70MHz
1.0
ns
Group delay difference 1
(WPP1, WPP2) *
∆Gd1
100kHz to 70MHz
1.1
ns
Group delay difference 1
((RF+) – (RF–)) *
∆Gd1
100kHz to 70MHz
0.9
ns
Group delay difference 2
(A to D) *
∆Gd2
100kHz to 90MHz
1.0
ns
Group delay difference 2
(WPP1, WPP2) *
∆Gd2
100kHz to 90MHz
1.8
ns
Group delay difference 2
((RF+) – (RF–)) *
∆Gd2
100kHz to 90MHz
1.0
ns
Slew rate
(A to D) *
SR
Calculated at 10% to 90%
250
V/
µs
Slew rate
(E+I to H+L) *
SR
Calculated at 10% to 90%
170
V/
µs
Slew rate
(RF+, RF–) *
SR
Calculated at 10% to 90%
225
V/
µs
Output noise level
(A to D) *
Vn
RBW = 30kHz, f = 1 to 90MHz,
In the dark
–87
–82
dBm
Output noise level
(RF+, RF–)
Vn
RBW = 30kHz, f = 1 to 90MHz,
In the dark
–81
–75
dBm
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit


Similar Part No. - CXA2726GA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2701GA SONY-CXA2701GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2702GA SONY-CXA2702GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2716GA SONY-CXA2716GA Datasheet
50Kb / 2P
   Optical Pickup Chipset with Photodetector ICs Supports High-Speed Writing to CD and DVD
CXA2765ER SONY-CXA2765ER Datasheet
388Kb / 32P
   5-channel 3-LD Driver for Optical Disk Drive
More results

Similar Description - CXA2726GA

ManufacturerPart #DatasheetDescription
logo
Rohm
BB6390KU ROHM-BB6390KU Datasheet
178Kb / 6P
   Control IC for CD-R/RW, DVDR/RW, DVD-RAM drive
BD7771EFS ROHM-BD7771EFS Datasheet
173Kb / 5P
   7ch Power Driver for DVD(RW, RAM)
logo
Sony Corporation
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
   PDIC for CD-R/RW
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
logo
Rohm
BA6668FM ROHM-BA6668FM Datasheet
893Kb / 3P
   3-Phase Motor Driver For CD-ROM/R-RW,DVD-ROM/RAM
logo
ON Semiconductor
LV8282PV ONSEMI-LV8282PV Datasheet
195Kb / 14P
   CD/DVD-ROM/RW 4.5ch Driver
April, 2018 ??Rev. 1
logo
Sharp Corporation
LT051PS SHARP-LT051PS Datasheet
43Kb / 3P
   High Power Red Laser Diode for DVD-R/DVD-RW Drive(635nm-30mW)
logo
Rohm
BH6546KV ROHM-BH6546KV Datasheet
124Kb / 3P
   One chip driver for slim CD-ROM/RW, DVD-ROM
logo
List of Unclassifed Man...
DA-3380 ETC-DA-3380 Datasheet
183Kb / 2P
   DVD-RAM MASTERING GENERATOR
logo
Maxim Integrated Produc...
MAX9483 MAXIM-MAX9483 Datasheet
650Kb / 15P
   Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Rev 0; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com