Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470L3324BT Datasheet(PDF) 11 Page - Samsung semiconductor

Part # M470L3324BT
Description  DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L3324BT Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button M470L3324BT Datasheet HTML 7Page - Samsung semiconductor M470L3324BT Datasheet HTML 8Page - Samsung semiconductor M470L3324BT Datasheet HTML 9Page - Samsung semiconductor M470L3324BT Datasheet HTML 10Page - Samsung semiconductor M470L3324BT Datasheet HTML 11Page - Samsung semiconductor M470L3324BT Datasheet HTML 12Page - Samsung semiconductor M470L3324BT Datasheet HTML 13Page - Samsung semiconductor M470L3324BT Datasheet HTML 14Page - Samsung semiconductor M470L3324BT Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DDR SDRAM
256MB, 512MB, 1GB Unbuffered SODIMM
Rev. 1.5 June 2005
(VDD=2.7V, T = 10°C)
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
CC(DDR400@CL=3) B3(DDR333@CL=2.5) A2(DDR266@CL=2) B0(DDR266@CL=2.5)
Unit
Notes
IDD0
2,080
1,400
1,280
1,280
mA
IDD1
2,240
1,600
1,480
1,480
mA
IDD2P
808080
80
mA
IDD2F
480
480
480
480
mA
IDD2Q
400
400
400
400
mA
IDD3P
560
480
480
480
mA
IDD3N
1,520
800
800
800
mA
IDD4R
2,360
1,840
1,600
1,600
mA
IDD4W
2,680
1,880
1,640
1,640
mA
IDD5
2,880
2,400
2,320
2,320
mA
IDD6
Normal
808080
80
mA
Low power
48
48
48
48
mA
Optional
IDD7A
4,200
3,520
3,120
3,120
mA
9.3 M470L2923BV0 [ (128M x 64) 1GB Module ]


Similar Part No. - M470L3324BT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L3324CU0-CA2 SAMSUNG-M470L3324CU0-CA2 Datasheet
225Kb / 17P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb C-die
M470L3324CU0-CB0 SAMSUNG-M470L3324CU0-CB0 Datasheet
225Kb / 17P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb C-die
M470L3324CU0-CB3 SAMSUNG-M470L3324CU0-CB3 Datasheet
225Kb / 17P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb C-die
M470L3324CU0-CCC SAMSUNG-M470L3324CU0-CCC Datasheet
225Kb / 17P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb C-die
M470L3324CU0-LA2 SAMSUNG-M470L3324CU0-LA2 Datasheet
225Kb / 17P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb C-die
More results

Similar Description - M470L3324BT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L6524CU0 SAMSUNG-M470L6524CU0 Datasheet
225Kb / 17P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb C-die
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M470L3324DU0 SAMSUNG-M470L3324DU0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
logo
Hynix Semiconductor
HYMD564M646BL6-D43 HYNIX-HYMD564M646BL6-D43 Datasheet
178Kb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (TSOP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com