Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75215QPWPRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS75215QPWPRQ1
Description  POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75215QPWPRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS75215QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS75215QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS75215QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS75215QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS75215QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS75215QPWPRQ1 Datasheet HTML 9Page - Texas Instruments TPS75215QPWPRQ1 Datasheet HTML 10Page - Texas Instruments TPS75215QPWPRQ1 Datasheet HTML 11Page - Texas Instruments TPS75215QPWPRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TPS75201-Q1, TPS75215-Q1, TPS75218-Q1, TPS75225-Q1, TPS75233-Q1 WITH RESET
TPS75401-Q1, ’75415-Q1, ’75418-Q1, ’75425-Q1, ’75433-Q1 WITH POWER GOOD
FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
SGLS166 – APRIL 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range (TJ = –40°C to
125
°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 47 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Adjustable
1.5 V
≤ VO ≤ 5 V,
TJ = 25°C
VO
Adjustable
Voltage
1.5 V
≤ VO ≤ 5 V
0.98VO
1.02VO
1 5 V Output
TJ = 25°C,
2.7 V < VIN < 5 V
1.5
1.5 V Output
2.7 V < VIN < 5 V
1.470
1.530
Output voltage
1 8 V Output
TJ = 25°C,
2.8 V < VIN < 5 V
1.8
V
Out ut voltage
(see Notes 1 and 3)
1.8 V Output
2.8 V < VIN < 5 V
1.764
1.836
V
2 5 V Output
TJ = 25°C,
3.5 V < VIN < 5 V
2.5
2.5 V Output
3.5 V < VIN < 5 V
2.450
2.550
3 3 V Output
TJ = 25°C,
4.3 V < VIN < 5 V
3.3
3.3 V Output
4.3 V < VIN < 5 V
3.234
3.366
Quiescent current (GND current) (see Note 1)
TJ = 25°C,
See Note 3
75
A
Quiescent current (GND current) (see Note 1)
See Note 3
125
µA
Output voltage line regulation (
∆VO/VO)
VO + 1 V < VI ≤ 5 V,
TJ = 25°C,
0.01
%/V
Out ut voltage line regulation (
∆VO/VO)
(see Notes 1 and 2)
VO + 1 V < VI < 5 V
0.1
%/V
Load regulation (see Note 3)
1
mV
Output noise voltage
BW = 300 Hz to 50 kHz, VO = 1.5 V
CO = 100 µF,
TJ = 25°C
60
µVrms
Output current Limit
VO = 0 V
3.3
4.5
A
Thermal shutdown junction temperature
150
°C
Standby current
EN = VI,
TJ = 25°C,
1
µA
Standby current
EN = VI
10
µA
FB input current
TPS75x01
FB = 1.5 V
–1
1
µA
High level enable input voltage
2
V
Low level enable input voltage
0.7
V
Power supply ripple rejection (see Note 2)
f = 100 Hz,
CO = 100 µF,
TJ = 25°C,
See Note 1, IO = 2 A
60
dB
Minimum input voltage for valid
RESET
IO(RESET) = 300µA, V(RESET) ≤ 0.8 V
1
1.3
V
Trip threshold voltage
VO decreasing
92
98
%VO
Reset
(TPS752xx)
Hysteresis voltage
Measured at VO
0.5
%VO
(TPS752xx)
Output low voltage
VI = 2.7 V,
IO(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 5 V
1
µA
RESET time-out delay
100
ms
NOTES:
1. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 5V.
2. If VO ≤ 1.8 V then Vimin = 2.7 V, Vimax = 5 V:
Line Reg. (mV)
+ % V
V
O
V
imax *
2.7 V
100
1000
If VO 2.5 V then Vimin = VO + 1 V, Vimax = 5 V:
Line Reg. (mV)
+ % V
V
O
V
imax *
V
O )
1V
100
1000
3. IO = 1 mA to 2 A


Similar Part No. - TPS75215QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75215QPWPRQ1 TI1-TPS75215QPWPRQ1 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75215QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI1-TPS75901_16 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201Q TI-TPS75201Q Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com