Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9209 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML9209
Description  Vacuum fluorescent display tube controller driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9209 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML9209 Datasheet HTML 2Page - OKI electronic componets ML9209 Datasheet HTML 3Page - OKI electronic componets ML9209 Datasheet HTML 4Page - OKI electronic componets ML9209 Datasheet HTML 5Page - OKI electronic componets ML9209 Datasheet HTML 6Page - OKI electronic componets ML9209 Datasheet HTML 7Page - OKI electronic componets ML9209 Datasheet HTML 8Page - OKI electronic componets ML9209 Datasheet HTML 9Page - OKI electronic componets ML9209 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
FEDL9209-01
OKI Semiconductor
ML9209-xx
6/29
ELECTRICAL CHARACTERISTICS
DC Characteristics-1
(VDD = 5.0 V
±10%, VFL = VDD – 42 V, Ta = –40 to +85°C, unless otherwise specified)
Parameter
Symbol
Applied pin
Condition
Min.
Max.
Unit
High Level Input Voltage
VIH
CS, CP, DA,
RESET
0.7 VDD
V
Low Level Input Voltage
VIL
CS, CP, DA,
RESET
0.3 VDD
V
High Level Input Current
IIH
CS, CP, DA,
RESET
VIH = VDD
–1.0
1.0
µA
Low Level Input Current
IIL
CS, CP, DA,
RESET
VIL = 0.0 V
–1.0
1.0
µA
VOH1
COM1–16
IOH1 = –30 mA
VDD – 1.5
V
VOH2
AD1–2
IOH2 = –15 mA
VDD – 1.5
V
High Level Output
Voltage
VOH3
SEG1–16
IOH3 = –6 mA
VDD – 1.5
V
Low Level Output
Voltage
VOL1
COM1–16
AD1–2
SEG1–16
VFL + 1.0
V
IDD1
Duty = 15/16
Digit =1–16
All output lights ON
4
mA
Supply Current
IDD2
VDD
fOSC =
2 MHz,
no load
Duty = 0/16
Digit = 1–8
All output lights
OFF
3
mA


Similar Part No. - ML9209

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML9209 LAPIS-ML9209 Datasheet
263Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
More results

Similar Description - ML9209

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
ML9286-XX ETC2-ML9286-XX Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
FEDL9286-03 ETC2-FEDL9286-03 Datasheet
388Kb / 37P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com