Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8SGE540N9 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SGE540N9
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SGE540N9 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COP8SGE540N9 Datasheet HTML 5Page - National Semiconductor (TI) COP8SGE540N9 Datasheet HTML 6Page - National Semiconductor (TI) COP8SGE540N9 Datasheet HTML 7Page - National Semiconductor (TI) COP8SGE540N9 Datasheet HTML 8Page - National Semiconductor (TI) COP8SGE540N9 Datasheet HTML 9Page - National Semiconductor (TI) COP8SGE540N9 Datasheet HTML 10Page - National Semiconductor (TI) COP8SGE540N9 Datasheet HTML 11Page - National Semiconductor (TI) COP8SGE540N9 Datasheet HTML 12Page - National Semiconductor (TI) COP8SGE540N9 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
AC Electrical Characteristics (Continued)
Note 4: Maximum rate of voltage change must be < 0.5 V/ms.
Note 5: Supply and IDLE currents are measured with CKI driven with a square wave Oscillator, External Oscillator, inputs connected to VCC and outputs driven low
but not connected to a load.
Note 6: The HALT mode will stop CKI from oscillating in the R/C and the Crystal configurations. In the R/C configuration, CKI is forced high internally. In the crystal
or external configuration, CKI is TRI-STATE. Measurement of IDD HALT is done with device neither sourcing nor sinking current; with L. F, C, G0, and G2–G5
programmed as low outputs and not driving a load; all outputs programmed low and not driving a load; all inputs tied to VCC; clock monitor disabled. Parameter refers
to HALT mode entered via setting bit 7 of the G Port data register.
Note 7: Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages > VCC and the pins will have sink current to VCC when
biased at voltages > VCC (the pins do not have source current when biased at a voltage below VCC). The effective resistance to VCC is 750Ω (typical). These two
pins will not latch up. The voltage at the pins must be limited to < 14V. WARNING: Voltages in excess of 14V will cause damage to the pins. This warning excludes
ESD transients.
Note 8: National Semiconductor uses the High Temperature Storage Life (HTSL) test to evaluate the data retention capabilities of the EPROM memory cells used
in our OTP microcontrollers. Qualification devices have been stressed at 150˚C for 1000 hours. Under these conditions, our EPROM cells exhibit data retention
capabilities in excess of 29 years. This is based on an activation energy of 0.7eV derated to 55˚C.
Note 9: Parameter characterized but not tested.
Note 10: Rise times faster than the minimum specification may trigger an internal power-on-reset.
Note 11: MICROWIRE Setup and Hold Times and Propagation Delays are referenced to the appropriate edge of the MICROWIRE clock. See and the MICROWIRE
operation description.
Comparators AC and DC Characteristics
V
CC = 5V, −40˚C ≤ TA ≤ +85˚C.
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage (Note 12)
0.4V
≤ V
IN ≤ VCC − 1.5V
±5
±15
mV
Input Common Mode Voltage Range
0.4
V
CC − 1.5
V
Voltage Gain
100
dB
Low Level Output Current
V
OL = 0.4V
−1.6
mA
High Level Output Current
V
OH =VCC − 0.4V
1.6
mA
DC Supply Current per Comparator
(When Enabled)
150
µA
Response Time (Note 13)
200 mV step input
100 mV Overdrive,
100 pF Load
600
ns
Comparator Enable Time(Note 14)
600
ns
Note 12: The comparator inputs are high impedance port inputs and, as such, input current is limited to port input leakage current.
Note 13: Response time is measured from a step input to a valid logic level at the comparator output. software response time is dependent of instruction execution.
Note 14: Comparator enable time is that delay time required between the end of the instruction cycle that enables the comparator and using the output of the
comparator, either by hardware or by software.
10131709
FIGURE 3. MICROWIRE/PLUS Timing
www.national.com
9


Similar Part No. - COP8SGE540N9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGE5 NSC-COP8SGE5 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE5 NSC-COP8SGE5 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5 Datasheet
2Mb / 82P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE5 TI1-COP8SGE5 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
COP8SGE5 TI1-COP8SGE5_14 Datasheet
2Mb / 82P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
More results

Similar Description - COP8SGE540N9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_14 Datasheet
2Mb / 82P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
logo
National Semiconductor ...
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com