Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL397N Datasheet(PDF) 3 Page - OKI electronic componets

Part # OL397N
Description  Hight Temperature Operation 1.3 mm Laser-Diode Coaxial Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL397N Datasheet(HTML) 3 Page - OKI electronic componets

  OL397N Datasheet HTML 1Page - OKI electronic componets OL397N Datasheet HTML 2Page - OKI electronic componets OL397N Datasheet HTML 3Page - OKI electronic componets OL397N Datasheet HTML 4Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
LASER DIODES
OL391N, OL392N, OL397N, OL3492N, OL3497N
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Fiber Output
LD Reverse Voltage
Operating Temperature
Storage Temperature
Pf
VR (LD)
Topr
Tstg
2mW
2V
–40 to +85
°C
–40 to +85
°C
PD Reverse Voltage
VR (PD)
20
V
PD Forward Current
IF (PD)
10
mA
Test Conditions
Ta=25°C
OPTICAL AND ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min.
Unit
Threshold Current
Fiber Output Power
Center Wavelength
Ith
Pf
l
c
—mA
1.0
mW
1280
nm
(Ta=25°C)
Typ.
10
1310
Max.
20
1340
Test Conditions
IF=Ith+20 mA
Pf=1 mW
Spectral Width
s
—nm
—5
Pf=1 mW, RMS
Rise Time
tr
—ns
0.5
Ibias=Ith
Fall Time
tf
—ns
0.5
Pf=1 mW
Forward Voltage
VF
—V
1.5
Pf=1 mW
PD Dark Current
IDARK
—nA
—20
VR(PD)=5 V
Monitor Current
Im
50
m
A
——
Pf=1 mW


Similar Part No. - OL397N

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
OL395N-100 OKI-OL395N-100 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode Coaxial Module
OL395N-20 OKI-OL395N-20 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode Coaxial Module
OL395N-40 OKI-OL395N-40 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode Coaxial Module
OL395N-60 OKI-OL395N-60 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode Coaxial Module
More results

Similar Description - OL397N

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL395N-20 OKI-OL395N-20 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode Coaxial Module
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
logo
Agere Systems
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
OKI electronic componet...
OL3200N OKI-OL3200N Datasheet
44Kb / 3P
   1.3 關m Laser-Diode DIP Module
OL5492N-03 OKI-OL5492N-03 Datasheet
41Kb / 2P
   1.55 mm Low-Power Laser Coaxial Module
OL3200N-5 OKI-OL3200N-5 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode DIP Module
OL3201N-40 OKI-OL3201N-40 Datasheet
51Kb / 4P
   1.3 關m High-Power Laser-Diode DIP Module
OL592N OKI-OL592N Datasheet
45Kb / 4P
   1.55 關m Laser-Diode Coaxial Module
logo
Agilent(Hewlett-Packard...
LST252X HP-LST252X Datasheet
155Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com