Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS18LV20483EI-55 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CS18LV20483EI-55
Description  High Speec Super Low Power SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS18LV20483EI-55 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CS18LV20483EI-55 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS18LV20483EI-55 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS18LV20483EI-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS18LV20483EI-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS18LV20483EI-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS18LV20483EI-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers CS18LV20483EI-55 Datasheet HTML 10Page - List of Unclassifed Manufacturers CS18LV20483EI-55 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS18LV20483EI-55 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
High Speed Super Low Power SRAM
256K-Word By 8 Bit
CS18LV20483
8
Rev. 1.0
Chiplus reserves the right to change product or specification without notice.
AC TEST LOADS AND WAVEFORMS
FIGURE 1A
FIGURE 1B
667
TERMINAL EQUIVALENT
OUTPUT
1.73V
GND
V
CC
5ns
5ns
10%
90%
90%
10%
ALL INPUT PULSES
FIGURE 2
AC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC , Vcc = 3.3V )
< READ CYCLE >
-55
-70
JEDEC
Parameter
Name
Parameter
Name
Description
MIN MAX MIN MAX
Unit
tAVAX
tRC
Read Cycle Time
55
70
ns
tAVQV
tAA
Address Access Time
55
70
ns
tELQV
tCO
Chip Select Access Time
55
70
ns
tGLQV
tOE
Output Enable to Output Valid
25
35
ns
tELQX
tLZ
Chip Select to Output Low Z
10
10
ns
tGLQX
tOLZ
Output Enable to Output in Low Z
5
5
ns
tEHQZ
tCHZ
Chip Deselect to Output in High Z
0
20
0
25
ns
tGHQZ
tOHZ
Output Disable to Output in High Z
0
20
0
25
ns
tAXOX
tOH
Out Disable to Address Change
10
10
ns


Similar Part No. - CS18LV20483EI-55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-55 ETC1-CS18LV02565AAC-55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AAC-70 ETC1-CS18LV02565AAC-70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR55 ETC1-CS18LV02565AACR55 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
CS18LV02565AACR70 ETC1-CS18LV02565AACR70 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
More results

Similar Description - CS18LV20483EI-55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS18LV10245 ETC1-CS18LV10245 Datasheet
375Kb / 15P
   HIgh Speed Super Low Power SRAM
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
CS18LV02565 ETC1-CS18LV02565 Datasheet
294Kb / 14P
   HIGH SPEED SUPER LOW POWER SRAM
logo
Hynix Semiconductor
HY62UF08401C HYNIX-HY62UF08401C Datasheet
152Kb / 10P
   High Speed, Super Low Power and 4Mbit Full CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8016-55BIN ALSC-AS6C8016-55BIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
AS6C1008L ALSC-AS6C1008L Datasheet
1Mb / 15P
   128k x 8 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C4016 ETC2-AS6C4016 Datasheet
631Kb / 12P
   256K X 16 BIT SUPER LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C8016-55ZIN ALSC-AS6C8016-55ZIN Datasheet
738Kb / 12P
   512K X 16 BIT SUPER LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
EDI8808CB ETC-EDI8808CB Datasheet
35Kb / 1P
   HIGH SPEED, LOW POWER 64K MONOLITHIC SRAM
logo
Brilliance Semiconducto...
BH616UV1610 BSI-BH616UV1610 Datasheet
130Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com