Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN1288J Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HMN1288J
Description  Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit),34Pin-JLCC, 5V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HMN1288J Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HMN1288J Datasheet HTML 1Page - List of Unclassifed Manufacturers HMN1288J Datasheet HTML 2Page - List of Unclassifed Manufacturers HMN1288J Datasheet HTML 3Page - List of Unclassifed Manufacturers HMN1288J Datasheet HTML 4Page - List of Unclassifed Manufacturers HMN1288J Datasheet HTML 5Page - List of Unclassifed Manufacturers HMN1288J Datasheet HTML 6Page - List of Unclassifed Manufacturers HMN1288J Datasheet HTML 7Page - List of Unclassifed Manufacturers HMN1288J Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HANBit
HMN1288J
URL: www.hbe.co.kr
5
HANBit Electronics Co.,Ltd.
Rev.0.0 (FEBRUARY/ 2002)
WRITE CYCLE (TA= TOPR, Vccmin £ Vcc ≤ Vccmax )
-70
-85
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
MIN
MAX
UNIT
Write Cycle Time
tWC
55
-
70
-
ns
Chip enable to end of write
tCW
Note 1
45
-
60
-
ns
Address setup time
tAS
Note 2
0
-
0
-
ns
Address valid to end of write
tAW
Note 1
45
-
60
-
ns
Write pulse width
tWP
Note 1
40
-
50
-
ns
Write recovery time (write cycle 1)
tWR1
Note 3
5
-
5
-
ns
Write recovery time (write cycle 2)
tWR2
Note 3
15
-
15
-
ns
Data valid to end of write
tDW
20
-
25
-
ns
Data hold time (write cycle 1)
tDH1
Note 4
0
-
0
-
ns
Data hold time (write cycle 2)
tDH2
Note 4
0
-
0
-
ns
Write enabled to output in high Z
tWZ
Note 5
0
20
0
25
ns
Output active from end of write
tOW
Note 5
5
-
5
-
ns
NOTE: 1. A write ends at the earlier transition of /CE going high and /WE going high.
2. A write occurs during the overlap of allow /CE and a low /WE. A write begins at the later transition of /CE
going low and /WE going low.
3. Either tWR1 or tWR2 must be met.
4. Either tDH1 or tDH2 must be met.
5. If /CE goes low simultaneously with /WE going low or after /WE going low, the outputs remain in high-
impedance state.
TIMING WAVEFORM
- READ CYCLE NO.1 (Address Access)*1,2
- READ CYCLE NO.2 (/CE Access)*1,3,4
Address
DOUT
Data Valid
tOH
tACC
tRC
Previous Data Valid
tACE
tCLZ
tRC
tCHZ
/CE
High-Z
High-Z
DOUT


Similar Part No. - HMN1288J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN1288D-120 ETC-HMN1288D-120 Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1288D-120 HANBIT-HMN1288D-120 Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
More results

Similar Description - HMN1288J

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN5128JV HANBIT-HMN5128JV Datasheet
166Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),34Pin-JLCC, 3.3V
HMN1288DV HANBIT-HMN1288DV Datasheet
98Kb / 9P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN1288DV DLGHANBIT-HMN1288DV Datasheet
491Kb / 7P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
logo
List of Unclassifed Man...
HMN12816D ETC-HMN12816D Datasheet
143Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
logo
Hanbit Electronics Co.,...
HMN12816D HANBIT-HMN12816D Datasheet
147Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (128K x 16-Bit), 40pin-Dip, 5V
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com