Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP3824VI Datasheet(PDF) 10 Page - Harris Corporation

Part # HSP3824VI
Description  Direct Sequence Spread Spectrum Baseband Processor
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HSP3824VI Datasheet(HTML) 10 Page - Harris Corporation

Back Button HSP3824VI Datasheet HTML 6Page - Harris Corporation HSP3824VI Datasheet HTML 7Page - Harris Corporation HSP3824VI Datasheet HTML 8Page - Harris Corporation HSP3824VI Datasheet HTML 9Page - Harris Corporation HSP3824VI Datasheet HTML 10Page - Harris Corporation HSP3824VI Datasheet HTML 11Page - Harris Corporation HSP3824VI Datasheet HTML 12Page - Harris Corporation HSP3824VI Datasheet HTML 13Page - Harris Corporation HSP3824VI Datasheet HTML 14Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
HSP3824
TX Port
The transmit data port accepts the data that needs to be
transmitted serially from an external data source. The data is
modulated and transmitted as soon as it is received from the
external data source. The serial data is input to the
HSP3824 through TXD using the falling edge of TXCLK to
clock it in the HSP3824. TXCLK is an output from the
HSP3824. A timing scenario of the transmit signal hand-
shakes and sequence is shown on timing diagram Figures 5
and 6.
The external processor initiates the transmit sequence by
asserting TX_PE. TX_PE envelopes the transmit data
packet on TXD. The HSP3824 responds by generating
TXCLK to input the serial data on TXD. TXCLK will run until
TX_PE goes back to its inactive state indicating the end of
the data packet. There are two possible transmit scenarios.
One scenario is when the HSP3824 internally generates the
preamble and header information. During this mode the
external source needs to provide only the data portion of the
packet. The timing diagram of this mode is illustrated on Fig-
ure 6. When the HSP3824 generates the preamble inter-
nally, assertion of TX_PE will initialize the generation of the
preamble and header. TX_RDY, which is an output from the
HSP3824, is used to indicate to the external processor that
the preamble has been generated and the device is ready to
receive the data packet to be transmitted from the external
processor. The TX_RDY timing is programmable in case the
external processor needs several clocks of advanced notice
before actual data transmission is to begin.
The second transmit scenario supported by the HSP3824 is
when the preamble and header information are provided by
the external data source. During this mode TX_RDY is not
required as part of the TX handshake. The HSP3824 will
immediately start transmitting the data available on TXD
upon assertion of TX_PE. The timing diagram of this TX sce-
nario, where the preamble and header are generated exter-
nal to the HSP3824, is illustrated on Figure 5.
One other signal that can be used for certain applications as
part of the TX interface is the Clear Channel Assessment
(CCA) signal which is an output from the HSP3824. The
CCA is programmable and it is described with more detail in
the Transmitter section of this document. CCA provides the
indication that the channel is clear of energy and the trans-
mission will not be subject to collisions. CCA can be moni-
tored by the external processor to assist in deciding when to
initiate transmissions. The CCA indication can bypassed or
ignored by the external processor. The state of the CCA
does not effect the transmit operation of the HSP3824.
TX_PE alone will always initiate the transmit state indepen-
dent of the state of CCA. Signals TX_RDY, TX_PE and
TXCLK can be set individually, by programming Configura-
tion Register (CR) 9, as either active high or active low sig-
nals.
The transmit port is completely independent from the opera-
tion of the other interface ports including the RX port, there-
fore supporting a full duplex mode.
NOTE: Preamble/Header and Data is transmitted LSB first TX_RDY is inactive Logic 0 when generated externally. TXD shown generated
from rising edge TXCLK.
FIGURE 5. TX PORT TIMING (EXTERNAL PREAMBLE)
NOTE: Preamble/Header and Data is transmitted LSB first. TXD shown generated from rising edge TXCLK. TX_RDY generated from falling edge.
FIGURE 6. TX PORT TIMING (INTERNAL PREAMBLE)
TXCLK
TX_PE
TXD
PREAMBLE - HEADER
MSB OF LAST HEADER FIELD
LSB
DATA PACKET
MSB
DUMMY BITS TO CLEAR MOD PATH
PREAMBLE - HEADER
MSB OF LAST HEADER FIELD
LSB
DATA PACKET
MSB
DUMMY BITS TO CLEAR MOD PATH
TXCLK
TX_PE
TXD
TX_RDY


Similar Part No. - HSP3824VI

ManufacturerPart #DatasheetDescription
logo
Heyco.
HSP3 HEYCO-HSP3 Datasheet
111Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
JL World Company Limite...
HSP3040A JLWORLD-HSP3040A Datasheet
108Kb / 1P
   SPEAKER SOUND GENERATORS
HSP3040B JLWORLD-HSP3040B Datasheet
1Mb / 1P
   Specification for other impedance is available upon request
HSP3040B-8 JLWORLD-HSP3040B-8 Datasheet
1Mb / 1P
   Specification for other impedance is available upon request
More results

Similar Description - HSP3824VI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3861B INTERSIL-HFA3861B Datasheet
733Kb / 36P
   Direct Sequence Spread Spectrum Baseband Processor
February 2002
HFA3863 INTERSIL-HFA3863 Datasheet
305Kb / 39P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3860B INTERSIL-HFA3860B Datasheet
272Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
HFA3861 INTERSIL-HFA3861 Datasheet
218Kb / 35P
   Direct Sequence Spread Spectrum Baseband Processor
July 1999
HFA3824A INTERSIL-HFA3824A Datasheet
271Kb / 40P
   Direct Sequence Spread Spectrum Baseband Processor
August 1998
HFA3860A INTERSIL-HFA3860A Datasheet
251Kb / 39P
   Direct Sequence Spread Spectrum Baseband
November 1998
HFA3860 INTERSIL-HFA3860 Datasheet
250Kb / 40P
   11 Mbps Direct Sequence Spread Spectrum Baseband Processor
July 1998
HFA3861A INTERSIL-HFA3861A Datasheet
440Kb / 37P
   Direct Sequence Spread Spectrum Baseband Processo
logo
List of Unclassifed Man...
TRW-24DSMCU ETC2-TRW-24DSMCU Datasheet
498Kb / 8P
   2.4G Direct Sequence Spread Spectrum RF Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
   2.4GHz Direct Sequence Spread Spectrum RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com