Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470L2923BN0-CLA2 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # M470L2923BN0-CLA2
Description  DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L2923BN0-CLA2 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button M470L2923BN0-CLA2 Datasheet HTML 5Page - Samsung semiconductor M470L2923BN0-CLA2 Datasheet HTML 6Page - Samsung semiconductor M470L2923BN0-CLA2 Datasheet HTML 7Page - Samsung semiconductor M470L2923BN0-CLA2 Datasheet HTML 8Page - Samsung semiconductor M470L2923BN0-CLA2 Datasheet HTML 9Page - Samsung semiconductor M470L2923BN0-CLA2 Datasheet HTML 10Page - Samsung semiconductor M470L2923BN0-CLA2 Datasheet HTML 11Page - Samsung semiconductor M470L2923BN0-CLA2 Datasheet HTML 12Page - Samsung semiconductor M470L2923BN0-CLA2 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
DDR SDRAM
256MB, 512MB, 1GB Unbuffered SODIMM
Rev. 1.5 June 2005
Note :
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN,VOUT
-0.5 ~ 3.6
V
Voltage on VDD & VDDQ supply relative to VSS
VDD,VDDQ
-1.0 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1.5 * # of component
W
Short circuit current
IOS
50
mA
Recommended operating conditions(Voltage referenced to VSS=0V, TA=0 to 70
°C)
Note :
1. VREF is expected to be equal to 0.5*VDDQ of the transmitting device, and to track variations in the dc level of same. Peak-to peak noise on VREF may
not exceed +/-2% of the dc value.
2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF, and must track
variations in the DC level of VREF.
3. VID is the magnitude of the difference between the input level on CK and the input level on CK.
4. The ratio of the pullup current to the pulldown current is specified for the same temperature and voltage, over the entire temperature and voltage range,
for device drain to source voltages from 0.25V to 1.0V. For a given output, it represents the maximum difference between pullup and pulldown drivers
due to process variation. The full variation in the ratio of the maximum to minimum pullup and pulldown current will not exceed 1.7 for device drain to
source voltages from 0.1 to 1.0.
Parameter
Symbol
Min
Max
Unit
Note
Supply voltage(for device with a nominal VDD of 2.5V for DDR266/333)
VDD
2.3
2.7
V
Supply voltage(for device with a nominal VDD of 2.6V for DDR400)
VDD
2.5
2.7
V
I/O Supply voltage(for device with a nominal VDD of 2.5V for DDR266/333)
VDDQ
2.3
2.7
V
I/O Supply voltage(for device with a nominal VDD of 2.6V for DDR400)
VDDQ
2.5
2.7
V
I/O Reference voltage
VREF
0.49*VDDQ
0.51*VDDQ
V
1
I/O Termination voltage(system)
VTT
VREF-0.04
VREF+0.04
V2
Input logic high voltage
VIH(DC)
VREF+0.15
VDDQ+0.3
V
Input logic low voltage
VIL(DC)
-0.3
VREF-0.15
V
Input Voltage Level, CK and CK inputs
VIN(DC)
-0.3
VDDQ+0.3
V
Input Differential Voltage, CK and CK inputs
VID(DC)
0.36
VDDQ+0.6
V
3
V-I Matching: Pullup to Pulldown Current Ratio
VI(Ratio)
0.71
1.4
-
4
Input leakage current
II
-2
2
uA
Output leakage current
IOZ
-5
5
uA
Output High Current(Normal strengh driver) ;VOUT = VTT + 0.84V
IOH
-16.8
mA
Output High Current(Normal strengh driver) ;VOUT = VTT - 0.84V
IOL
16.8
mA
Output High Current(Half strengh driver) ;VOUT = VTT + 0.45V
IOH
-9
mA
Output High Current(Half strengh driver) ;VOUT = VTT - 0.45V
IOL
9mA
8.0 DC Operating Conditions
7.0 Absolute Maximum Ratings


Similar Part No. - M470L2923BN0-CLA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L2923DV0 SAMSUNG-M470L2923DV0 Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
M470L2923DV0-CA2 SAMSUNG-M470L2923DV0-CA2 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L2923DV0-CB0 SAMSUNG-M470L2923DV0-CB0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L2923DV0-CB3 SAMSUNG-M470L2923DV0-CB3 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L2923DV0-CCC SAMSUNG-M470L2923DV0-CCC Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
More results

Similar Description - M470L2923BN0-CLA2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L6524CU0 SAMSUNG-M470L6524CU0 Datasheet
225Kb / 17P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb C-die
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M470L3324DU0 SAMSUNG-M470L3324DU0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
logo
Hynix Semiconductor
HYMD564M646BL6-D43 HYNIX-HYMD564M646BL6-D43 Datasheet
178Kb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (TSOP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com