Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL3492N Datasheet(PDF) 1 Page - OKI electronic componets

Part # OL3492N
Description  Hight Temperature Operation 1.3 mm Laser-Diode Coaxial Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL3492N Datasheet(HTML) 1 Page - OKI electronic componets

  OL3492N Datasheet HTML 1Page - OKI electronic componets OL3492N Datasheet HTML 2Page - OKI electronic componets OL3492N Datasheet HTML 3Page - OKI electronic componets OL3492N Datasheet HTML 4Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
LASER DIODES
OL391N, OL392N, OL397N, OL3492N, OL3497N
¡ electronic components
OL391N, OL392N, OL397N,
OL3492N, OL3497N
Hight Temperature Operation 1.3
mm Laser-Diode Coaxial Module
GENERAL DESCRIPTION
The OL391N, OL392N, OL397N, OL3492N, and OL3497N are 1.3 mm, MQW InGaAsP/InP laser
diode coaxial modules with single-mode fiber pigtails. These modules are optimal light sources
for high-capacity long-haul optical transmission systems.
FEATURES
• Single-mode fiber output: Pf=1 mW
• Includes monitor photodiode for power control
• High speed
• Multi-quantum-well (MQW) structure
APPLICATIONS
• Line transmission systems
• Subscriber loops
• Optical measuring instruments
PACKAGE DIMENSIONS (Unit: mm)
• OL391N
• OL392N, OL397N
E2V0026-37-X1
3–f0.45
CASE
q
w
PD
e
LD
f
6.8
2–f2.4
q
e
12
2
8
16
w
4–f0.45
q
w
PD
e
LD
CASE
f
6.8
2–f2.4
q
w
e
16
2
8
12
r
r
e
w
PD
q
LD
CASE
r
92
97


Similar Part No. - OL3492N

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL3492N OKI-OL3492N Datasheet
43Kb / 2P
   1310nm MQW Laser Diode Uncooled Coax Module with Single Mode Fiber
More results

Similar Description - OL3492N

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL395N-20 OKI-OL395N-20 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode Coaxial Module
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
logo
Agere Systems
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
OKI electronic componet...
OL3200N OKI-OL3200N Datasheet
44Kb / 3P
   1.3 關m Laser-Diode DIP Module
OL5492N-03 OKI-OL5492N-03 Datasheet
41Kb / 2P
   1.55 mm Low-Power Laser Coaxial Module
OL3200N-5 OKI-OL3200N-5 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode DIP Module
OL3201N-40 OKI-OL3201N-40 Datasheet
51Kb / 4P
   1.3 關m High-Power Laser-Diode DIP Module
OL592N OKI-OL592N Datasheet
45Kb / 4P
   1.55 關m Laser-Diode Coaxial Module
logo
Agilent(Hewlett-Packard...
LST252X HP-LST252X Datasheet
155Kb / 6P
   Coaxial Pigtailed Laser Module
LST2425X HP-LST2425X Datasheet
153Kb / 6P
   Coaxial Pigtailed Laser Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com