Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL17SZ00DFT2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL17SZ00DFT2
Description  Single 2-Input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ00DFT2 Datasheet(HTML) 3 Page - ON Semiconductor

  NL17SZ00DFT2 Datasheet HTML 1Page - ON Semiconductor NL17SZ00DFT2 Datasheet HTML 2Page - ON Semiconductor NL17SZ00DFT2 Datasheet HTML 3Page - ON Semiconductor NL17SZ00DFT2 Datasheet HTML 4Page - ON Semiconductor NL17SZ00DFT2 Datasheet HTML 5Page - ON Semiconductor NL17SZ00DFT2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL17SZ00
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
VCC
TA = 255C
*405C v TA v 855C
Symbol
Parameter
Condition
VCC
(V)
Min
Typ
Max
Min
Max
Unit
VIH
High−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.75 VCC
0.7 VCC
0.75 VCC
0.7 VCC
V
VIL
Low−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.25 VCC
0.3 VCC
0.25 VCC
0.3 VCC
V
VOH
High−Level Output Voltage
VIN = VIL or VIH
IOH = 100 mA
IOH = −3 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
VCC − 0.1
1.55
1.9
2.2
2.4
2.3
3.8
VCC
1.65
2.1
2.4
2.7
2.5
4.0
VCC − 0.1
1.55
1.9
2.2
2.4
2.3
3.8
V
VOL
Low−Level Output Voltage
VIN = VIH or VOH
IOL = 100 mA
IOL = 3 mA
IOL = 8 mA
IOL = 12 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
0.08
0.20
0.22
0.28
0.38
0.42
0.1
0.24
0.3
0.4
0.4
0.55
0.55
0.1
0.24
0.3
0.4
0.4
0.55
0.55
V
IIN
Input Leakage Current
VIN = VCC or GND
0 to 5.5
$0.1
$1.0
mA
ICC
Quiescent Supply Current
VIN = VCC or GND
5.5
1
10
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns
VCC
TA = 255C
*405C v TA v 855C
Symbol
Parameter
Condition
VCC
(V)
Min
Typ
Max
Min
Max
Unit
tPLH
Propagation Delay
(Fi
d )
RL = 1 MW, CL = 15 pF
1.65
2.0
5.4
11.4
2.0
12
ns
tPHL
(Figure 3 and 4)
RL = 1 MW, CL = 15 pF
1.8
2.0
4.5
9.5
2.0
10.0
RL = 1 MW, CL = 15 pF
2.5 to 0.2
0.8
3.0
6.5
0.8
7.0
RL = 1 MW, CL = 15 pF
3.3
$ 0.3
0.5
2.4
4.5
0.5
4.7
RL = 500 W, CL = 50 pF
1.5
2.4
5.0
1.5
5.2
RL = 1 MW, CL = 15 pF
5.0
$ 0.5
0.5
2.0
3.9
0.5
4.1
RL = 500 W, CL = 50 pF
0.8
2.4
4.3
0.8
4.5
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
u4
pF
CPD
Power Dissipation Capacitance
(N
)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
25
pF
(Note 5)
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
30
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NL17SZ00DFT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ00DFT2 ONSEMI-NL17SZ00DFT2 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NL17SZ00DFT2G ONSEMI-NL17SZ00DFT2G Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NL17SZ00DFT2G ONSEMI-NL17SZ00DFT2G Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
NL17SZ00DFT2G ONSEMI-NL17SZ00DFT2G Datasheet
189Kb / 13P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 14
NL17SZ00DFT2G ONSEMI-NL17SZ00DFT2G Datasheet
160Kb / 13P
   Single 2-Input NAND Gate
May, 2022 - Rev. 17
More results

Similar Description - NL17SZ00DFT2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
   Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
Unisonic Technologies
U74LVC1G00 UTC-U74LVC1G00_15 Datasheet
201Kb / 6P
   SINGLE 2-INPUT NAND GATE
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
   Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
   Single 2-input NAND gate
Rev. 13 - 8 February 2022
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00_16 Datasheet
142Kb / 7P
   Single 2-Input NAND Gate
June, 2016 ??Rev. 3
NL17SZ00 ONSEMI-NL17SZ00_16 Datasheet
98Kb / 9P
   Single 2-Input NAND Gate
April, 2016 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com