Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470L2923BN0-CB0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # M470L2923BN0-CB0
Description  DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L2923BN0-CB0 Datasheet(HTML) 4 Page - Samsung semiconductor

  M470L2923BN0-CB0 Datasheet HTML 1Page - Samsung semiconductor M470L2923BN0-CB0 Datasheet HTML 2Page - Samsung semiconductor M470L2923BN0-CB0 Datasheet HTML 3Page - Samsung semiconductor M470L2923BN0-CB0 Datasheet HTML 4Page - Samsung semiconductor M470L2923BN0-CB0 Datasheet HTML 5Page - Samsung semiconductor M470L2923BN0-CB0 Datasheet HTML 6Page - Samsung semiconductor M470L2923BN0-CB0 Datasheet HTML 7Page - Samsung semiconductor M470L2923BN0-CB0 Datasheet HTML 8Page - Samsung semiconductor M470L2923BN0-CB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DDR SDRAM
256MB, 512MB, 1GB Unbuffered SODIMM
Rev. 1.5 June 2005
CC(DDR400@CL=3)
B3(DDR333@CL=2.5)
A2(DDR266@CL=2)
B0(DDR266@CL=2.5)
Speed @CL2
-
133MHz
133MHz
100MHz
Speed @CL2.5
166MHz
166MHz
133MHz
133MHz
Speed @CL3
200MHz
-
-
-
CL-tRCD-tRP
3-3-3
2.5-3-3
2-3-3
2.5-3-3
200Pin Unbuffered SODIMM based on 512Mb B-die (x8, x16)
• VDD : 2.5V ± 0.2V, VDDQ : 2.5V ± 0.2V for DDR266, 333
• VDD : 2.6V ± 0.1V, VDDQ : 2.6V ± 0.1V for DDR400
• Double-data-rate architecture; two data transfers per clock cycle
• Bidirectional data strobe [DQ] (x4,x8) & [L(U)DQS] (x16)
• Differential clock inputs(CK and CK)
• DLL aligns DQ and DQS transition with CK transition
• Programmable Read latency : DDR266(2, 2.5 Clock), DDR333(2.5 Clock), DDR400(3 Clock)
• Programmable Burst length (2, 4, 8)
• Programmable Burst type (sequential & interleave)
• Edge aligned data output, center aligned data input
• Auto & Self refresh, 7.8us refresh interval(8K/64ms refresh)
• Serial presence detect with EEPROM
• PCB : Height - 256MB(non ECC/ECC SS, 1250mil), 512MB/1GB(non ECC DS, 1250mil, ECC DS, 1400mil)
• SSTL_2 Interface
• 66pin TSOP II & 54pin sTSOP II (Leaded & Pb-Free(RoHS compliant)) package
1.0 Ordering Information
2.0 Operating Frequencies
Note : Leaded and Lead-free(Pb-free) can be discriminated by PKG P/N
(T : 66 TSOP with Leaded, U : 66 TSOP with Lead-free)
(N : 54 sTSOP with Leaded, V : 54 sTSOP with Lead-free)
Part Number
Density
Organization
Component Composition
Height
M470L3324BT(U)0-C(L)CC/B3/A2/B0
256MB
32M x 64
32Mx16 (K4H511638B) * 4EA
1,250mil
M470L6524BT(U)0-C(L)CC/B3/A2/B0
512MB
64M x 64
32Mx16 (K4H511638B) * 8EA
1,250mil
M470L2923BN(V)0-C(L)CC/B3/A2/B0
1GB
128M x 64
64Mx8 (K4H510838B) * 16EA
1,250mil
3.0 Feature


Similar Part No. - M470L2923BN0-CB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L2923DV0 SAMSUNG-M470L2923DV0 Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
M470L2923DV0-CA2 SAMSUNG-M470L2923DV0-CA2 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L2923DV0-CB0 SAMSUNG-M470L2923DV0-CB0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L2923DV0-CB3 SAMSUNG-M470L2923DV0-CB3 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L2923DV0-CCC SAMSUNG-M470L2923DV0-CCC Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
More results

Similar Description - M470L2923BN0-CB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L6524CU0 SAMSUNG-M470L6524CU0 Datasheet
225Kb / 17P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb C-die
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M470L3324DU0 SAMSUNG-M470L3324DU0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
logo
Hynix Semiconductor
HYMD564M646BL6-D43 HYNIX-HYMD564M646BL6-D43 Datasheet
178Kb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (TSOP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com