Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2211N Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RC2211N
Description  FSK Demodulator/Tone Decoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RC2211N Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RC2211N Datasheet HTML 2Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 3Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 4Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 5Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 6Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 7Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 8Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 9Page - List of Unclassifed Manufacturers RC2211N Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PRODUCT SPECIFICATION
RC2211
6
Applications
FSK Decoding
Figure 2 shows the basic circuit connection for FSK decod-
ing. With reference to Figures 1 and 2, the functions of
external components are deÞned as follows: R0 and C0 set
the PLL center frequency, R1 sets the system bandwidth, and
C1 sets the loop Þlter time constant and the loop damping
factor. CF and RF form a one pole post-detection Þlter for the
FSK data output. The resistor RB (510 k
W) from pin 7 to pin
8 introduces positive feedback across FSK comparator to
facilitate rapid transition between output logic states.
Recommended component values for some of the most
commonly used FSK bauds are given in Table 1.
Figure 2. Circuit Connectbn for FSK Decoding
Table 1. Recommended Component Values
for Commonly Used FSK Bands
(see Circuit of Figure 2)
Design Instructions
The circuit of Figure 2 can be tailored for any FSK decoding
application by the choice of Þve key circuit components: R0,
R1, C0, C1 and CF. For a given set of FSK mark and space
frequencies, F1 and F2, these parameters can be calculated as
follows:
FSK Band
Component Values
300 Baud
C0 = 0.039
mF, CF = 0.005 mF
F1 = 1070 Hz
C1 = 0.01
mF, R0 = 18 kW
F2 = 1270 Hz
R1 = 100 k
W
300 Baud
C0 = 0.022
mF, CF = 0.005 mF
F1 = 2025 Hz
C1 = 0.0047
mF, R0 = 18 kW
F2 = 2225 Hz
R1 = 200 k
W
1200 Baud
C0 = 0.027
mF, CF = 0.0022 mF
F1 = 1200 Hz
C1 = 0.01
mF, R0 = 18 kW
F2 = 2200 Hz
R1 = 30 k
W
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RC2211
65-2211-05
C0
VCO
Fine Tune
R0
RX
5K
R1
C1
0.1
µF
RF
100K
510K
CF
FSK Data
Output
5.1K
+VS
0.1
µF
0.1
µF
+VS
FSK
Input
RL
RB
1.
Calculate PLL center frequency, F0
2.
Choose a value of timing resistor R0 to be in the range
of 10 k
W to 100 kW. This choice is arbitrary. The recom-
mended value is R0 = 20 k
W. The Þnal value of R0 ios
normally Þnetuned with the series potentiometer, RX.
3.
Calculate value of C0 from Design Equation No. 1 or
from Typical Performance Characteristics:
C0 = 1/R0F0
4.
Calculate R1 to give a
Df equal to the markspace
deviation:
R1 = R0 [F0/(F1 - F2)]
5.
Calculate C1 to set loop damping. (See Design Equation
No. 4)
Normally,
z » 1/2 is recommended
Then: C1 = C0/4 for
z = 1/2
6.
Calculate Data Filter Capacitance, CF:
For RF = 100 k
W, RB = 510 kW, the recommended value
of CF is:
Note: All calculated component values except RO can be
rounded off to the nearest standard value, and R0 can
be varied to fine-tune center frequency through a series
potentiometer, RX (see Figure 2).
Design Example
75 Baud FSK demodulator with mark space frequencies of
1110/1170 Hz:
Step 1: Calculate F0:
F0=(1110+1170)(1/2)= 1140Hz
Step 2: Choose R0 = 20 k
W (18 kW Þxed resistor in series
with 5 k
W potentiometer)
Step 3: Calculate C0 from VCO Frequency vs. Timing
Capacitor: C9 = 0.044
mF
Step 4: Calculate R1: R1 = R0 (1140/60) = 380 k
W
Step 5: Calculate C1: C1 = C0/4 = 0.011
mF
Note: All values except R0 can be rounded off to nearest
standard value.
fF
0
F
1
F
2
+
2
------------------
=
C
F in mF
()
3
Baud Rate
-------------------------
=


Similar Part No. - RC2211N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
   FemtoClock Clock Generator
Oct 3, 2022
More results

Similar Description - RC2211N

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
logo
New Japan Radio
NJM2211M-TE1 NJRC-NJM2211M-TE1 Datasheet
256Kb / 1P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211_1 Datasheet
258Kb / 10P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211 Datasheet
427Kb / 11P
   FSK DEMODULATOR/TONE DECODER
logo
Exar Corporation
XR-2211A EXAR-XR-2211A Datasheet
246Kb / 24P
   FSK Demodulator/ Tone Decoder
XR-210 EXAR-XR-210 Datasheet
140Kb / 2P
   FSK MODULATOR / DEMODULATOR
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
   Tone Decoder
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
   TONE DECODER
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
   TONE DECODER
logo
National Semiconductor ...
LM567 NSC-LM567_03 Datasheet
339Kb / 12P
   Tone Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com