Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M470L2923BNV0-CLB0 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # M470L2923BNV0-CLB0
Description  DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb B-die
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470L2923BNV0-CLB0 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button M470L2923BNV0-CLB0 Datasheet HTML 4Page - Samsung semiconductor M470L2923BNV0-CLB0 Datasheet HTML 5Page - Samsung semiconductor M470L2923BNV0-CLB0 Datasheet HTML 6Page - Samsung semiconductor M470L2923BNV0-CLB0 Datasheet HTML 7Page - Samsung semiconductor M470L2923BNV0-CLB0 Datasheet HTML 8Page - Samsung semiconductor M470L2923BNV0-CLB0 Datasheet HTML 9Page - Samsung semiconductor M470L2923BNV0-CLB0 Datasheet HTML 10Page - Samsung semiconductor M470L2923BNV0-CLB0 Datasheet HTML 11Page - Samsung semiconductor M470L2923BNV0-CLB0 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DDR SDRAM
256MB, 512MB, 1GB Unbuffered SODIMM
Rev. 1.5 June 2005
(Populated as 2 bank of x8 DDR SDRAM Module)
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DM
I/O 0
I/O 1
I/O 2
I/O 3
D0
DM0
DM
D8
I/O 4
I/O 5
I/O 6
I/O 7
DQ12
DQ13
DQ14
DQ8
DQ9
DQ10
DQ11
DM
D1
DM
D9
DM1
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DM
D2
DM
D10
DM2
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
DM
D3
DM
D11
DM3
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
DM
D4
DM4
DM
D12
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
DM
D5
DM
D13
DM5
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
DM
D6
DM
D14
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
DM
D7
DM
D15
DM7
A0 - A12
A0-A12 : DDR SDRAMs D0 - D15
RAS
RAS
: DDR SDRAMs D0 - D15
CAS
CAS
: DDR SDRAMs D0 - D15
CKE0
CKE
: DDR SDRAMs D0 - D7
WE
WE
: DDR SDRAMs D0 - D15
CS0
CS1
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
CKE1
CKE
: DDR SDRAMs D8 - D15
BA0 - BA1
BA0-BA1: DDR SDRAMs D0 - D15
DQS0
DQS
DQS4
DQS1
DQS5
DQS
DQS
DQS2
DQS
DQS
DQS3
DQS
DQS
DM6
DQS6
DQS7
DQ15
DQS
DQS
DQS
DQS
DQS
DQS
DQS
DQS
DQS
VSS
D0 - D15
D0 - D15
VDD/VDDQ
D0 - D15
D0 - D15
VREF
VDDSPD
SPD
*Clock Net Wiring
Card
Edge
D0,D8 / D4,D12
D1,D9 / D5,D13
R=120
± 5%
CK0 / 1
CK0 / 1
D2,D10/ D6,D14
D3,D11/ D7,D15
Notes :
1. DQ-to-I/O wiring is shown as recommended but may be changed.
2. DQ/DQS/DM/CKE/CS relationships must be maintained as shown
3. DQ, DQS, DM/DQS resistors: 22 Ohm.
CK2
CK2
10pF
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
6.3 1GB, 128M x 64 Non ECC Module (M470L2923BN(V)0)


Similar Part No. - M470L2923BNV0-CLB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L2923DV0 SAMSUNG-M470L2923DV0 Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
M470L2923DV0-CA2 SAMSUNG-M470L2923DV0-CA2 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L2923DV0-CB0 SAMSUNG-M470L2923DV0-CB0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L2923DV0-CB3 SAMSUNG-M470L2923DV0-CB3 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M470L2923DV0-CCC SAMSUNG-M470L2923DV0-CCC Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
More results

Similar Description - M470L2923BNV0-CLB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470L6524CU0 SAMSUNG-M470L6524CU0 Datasheet
225Kb / 17P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb C-die
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M470L3324DU0 SAMSUNG-M470L3324DU0 Datasheet
284Kb / 20P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb D-die 66 TSOP-II & 54 sTSOP-II with Pb-Free (RoHS compliant)
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
logo
Hynix Semiconductor
HYMD564M646BL6-D43 HYNIX-HYMD564M646BL6-D43 Datasheet
178Kb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (TSOP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com