Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTA11CSQ121.2R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CTA11CSQ121.2R
Description  Switch Ccapacity up to 25A, Small size and light weight, PCB pin qiock connect mounting available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CTA11CSQ121.2R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CTA11CSQ121.2R Datasheet HTML 1Page - List of Unclassifed Manufacturers CTA11CSQ121.2R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Distributor: Electro-Stock www.electrostock.com
Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
Switching capacity up to 25A
Small size and light weight
PCB pin and quick connect mounting available
Suitable for automobile and lamp accessories
QS-9000, ISO-9002 Certified Manufacturing
22.8 x 15.3 x 25.8 mm
CONTACT DATA
Contact Arrangement
1A = SPST N.O.
1C = SPDT
Contact Rating
1A: 25A @ 14VDC
1C: 20A @ 14VDC
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
350W
Maximum Switching Voltage
75VDC
Maximum Switching Current
25A
COIL DATA
Coil Voltage
VDC
Coil Resistance
Ω ± 10%
Rated
Max.
1.2W
1.5W
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
6
7.8
30
24
4.2
0.6
12
15.6
120
96
8.4
1.2
24
31.2
480
384
16.8
2.4
48
62.4
1920
1536
33.6
4.8
1.2 or 1.5
10
7
CAUTION:
1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
2. Pickup and release voltages are for test purposes only and are not to be used as design criteria.
GENERAL DATA
Electrical Life @ rated load
Mechanical Life
100K cycles, typical
10M cycles, typical
Insulation Resistance
100M
Ω min @ 500VDC
Dielectric Strength, Coil to Contact
Contact to Contact
2500V rms min. @ sea level
1500V rms min. @ sea level
Shock Resistance
100m/s
2 for 11ms
Vibration Resistance
1.27mm double amplitude 10-40Hz
Terminal (Copper Alloy) Strength
8N (Quick Connect), 4N (PCB Pins)
Operating Temperature
Storage Temperature
-40
°C to + 85 °C
-40
°C to + 155 °C
Solderability
230
°C ± 2 °C for 10 ± 0.5s
Weight
18.5g
CTA1


Similar Part No. - CTA11CSQ121.2R

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CTA11CSQ12 CIT-CTA11CSQ12 Datasheet
158Kb / 2P
   CIT SWITCH
CTA11CSQ12D CIT-CTA11CSQ12D Datasheet
158Kb / 2P
   CIT SWITCH
CTA11CSQ12R CIT-CTA11CSQ12R Datasheet
158Kb / 2P
   CIT SWITCH
More results

Similar Description - CTA11CSQ121.2R

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J151 CIT-J151 Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
CTA12 CIT-CTA12 Datasheet
147Kb / 2P
   Switching capacity up to 20A Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com