Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL4201N Datasheet(PDF) 8 Page - OKI electronic componets

Part # OL4201N
Description  Service Channel FP Laser Module (1480 nm, 1 mW)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL4201N Datasheet(HTML) 8 Page - OKI electronic componets

  OL4201N Datasheet HTML 1Page - OKI electronic componets OL4201N Datasheet HTML 2Page - OKI electronic componets OL4201N Datasheet HTML 3Page - OKI electronic componets OL4201N Datasheet HTML 4Page - OKI electronic componets OL4201N Datasheet HTML 5Page - OKI electronic componets OL4201N Datasheet HTML 6Page - OKI electronic componets OL4201N Datasheet HTML 7Page - OKI electronic componets OL4201N Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Northwest Area
785 N. Mary Avenue
Sunnyvale, CA 94086
Tel: 408/720-8940
Fax: 408/720-8965
North Central Area
300 Park Blvd.
Suite 365
Itasca, IL 60143
Tel: 630/250-1313
Fax: 630/250-1414
Northeast Area
138 River Road
Shattuck Office Center
Andover, MA 01810
Tel: 978/688-8687
Fax: 978/688-8896
Southwest Area
2302 Martin Street
Suite 250
Irvine, CA 92715
Tel: 979/752-1843
Fax: 979/752-2423
Southeast Area
1590 Adamson Parkway
Suite 220
Morrow, GA 30260
Tel: 770/960-9660
Fax: 770/960-9682
Oki REGIONAL SALES OFFICES
Corporate Headquarters
785 N. Mary Avenue
Sunnyvale, CA 94086-2909
Tel: 408/720-1900
Fax: 408/720-1918
For Oki Literature:
Call toll free 1-800-OKI-6388
(6 a.m. to 5 p.m. Pacific Time)
Oki Stock No:
Oki Web Site:
http://www.okisemi.com
320160-001


Similar Part No. - OL4201N

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
OL400W ADVANCEDENERGY-OL400W Datasheet
588Kb / 8P
   400 W HIGH VOLTAGE POWER SUPPLIES
logo
OKI electronic componet...
OL4121N-120 OKI-OL4121N-120 Datasheet
99Kb / 8P
   High-Power Laser Diode Butterfly Modules(1480 nm, 120 mW/140 mW)
OL4121N-140 OKI-OL4121N-140 Datasheet
99Kb / 8P
   High-Power Laser Diode Butterfly Modules(1480 nm, 120 mW/140 mW)
OL4492L OKI-OL4492L Datasheet
52Kb / 6P
   1.48, 1.51, 1.52 關m Coaxial DFB Laser Module
More results

Similar Description - OL4201N

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL6201N-5-A10 OKI-OL6201N-5-A10 Datasheet
61Kb / 8P
   Service Channel FP Laser Module (1625 nm, 5 mW)
OL5207L-5-A10 OKI-OL5207L-5-A10 Datasheet
63Kb / 8P
   Service Channel DFB Laser Module (1510 nm, 5 mW)
logo
California Eastern Labs
NX7462LE-CC CEL-NX7462LE-CC Datasheet
197Kb / 5P
   1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (120 mW MIN)
NX7461LE-CC CEL-NX7461LE-CC Datasheet
187Kb / 5P
   1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (150 mW MIN)
logo
Agere Systems
269 AGERE-269 Datasheet
85Kb / 8P
   269-Type 1480 nm Pump Laser Module
logo
OKI electronic componet...
OL4121N-120 OKI-OL4121N-120 Datasheet
99Kb / 8P
   High-Power Laser Diode Butterfly Modules(1480 nm, 120 mW/140 mW)
OL6205N-1-A10 OKI-OL6205N-1-A10 Datasheet
58Kb / 8P
   MQW Laser Diode Uncooled Dil Module (1625 nm /-10 nm, 1 mW)
OL6201N-A10 OKI-OL6201N-A10 Datasheet
59Kb / 8P
   MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm, 1 mW)
logo
Renesas Technology Corp
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
   LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com