Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM39LV040-90FHI Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM39LV040-90FHI
Description  4M (512Kx8) Bits Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM39LV040-90FHI Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM39LV040-90FHI Datasheet HTML 1Page - ELAN Microelectronics Corp EM39LV040-90FHI Datasheet HTML 2Page - ELAN Microelectronics Corp EM39LV040-90FHI Datasheet HTML 3Page - ELAN Microelectronics Corp EM39LV040-90FHI Datasheet HTML 4Page - ELAN Microelectronics Corp EM39LV040-90FHI Datasheet HTML 5Page - ELAN Microelectronics Corp EM39LV040-90FHI Datasheet HTML 6Page - ELAN Microelectronics Corp EM39LV040-90FHI Datasheet HTML 7Page - ELAN Microelectronics Corp EM39LV040-90FHI Datasheet HTML 8Page - ELAN Microelectronics Corp EM39LV040-90FHI Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
EM39LV040
4M (512Kx8) Bits Flash Memory
SPECIFICATION
EM39LV040 Device Operation
Operation
CE#
OE#
WE#
DQ
Address
Read
VIL
VIL
VIH
DOUT
AIN
Program
VIL
VIH
VIL
DIN
AIN
Erase
VIL
VIH
VIL
X*
Sector or Block address, XXH for
Chip-Erase
Standby
VIH
X
X
High Z
X
Write Inhibit
X
VIL
X
High Z/DOUT
X
Write Inhibit
X
X
VIH
High Z/DOUT
X
Software Mode
VIL
VIL
VIH
See Table 3
Product
Identification
* X can be VIL or VIH, but no other value.
Table 2: EM39LV040 Device Operation
Write Command/Command Sequence
The EM39LV040 provides two software methods to detect the completion of a Program or
Erase cycle in order to optimize the system write cycle time. The software detection includes
two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The End-of-Write detection mode
is enabled after the rising edge of WE#, which initiates the internal Program or Erase
operation. The actual completion of the write operation is asynchronous with the system;
therefore, either a Data# Polling or Toggle Bit read may be simultaneously completed with the
write cycle. If this occurs, the system may possibly get an erroneous result, i.e., valid data
may appear to conflict with either DQ7 or DQ6. In order to prevent such spurious rejection,
when an erroneous result occurs, the software routine should include an additional two times
loop to read the accessed location. If both reads are valid, then the device has completed the
write cycle, otherwise the rejection is valid.
Chip Erase
The EM39LV040 provides Chip-Erase feature, which allows the entire memory array to be
erased to logic “1” state. The Chip-Erase operation is initiated by executing a six-byte
command sequence with Chip-Erase command (10H) at address 5555H in the last byte
sequence. The Erase operation begins with the rising edge of the sixth WE# or CE#,
whichever occurs first. During the Erase operation, the only valid reads are Toggle Bit and
Data# Polling. See Table 3 for the command sequence, Figure 6 for timing diagram, and
Figure 15 for the corresponding flowchart. Any command issued during the Chip-Erase
operation is ignored.
This specification is subject to change without further notice. (07.22.2004 V1.0)
Page 5 of 21


Similar Part No. - EM39LV040-90FHI

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RD EMC-EM39LV010-45RD Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RH EMC-EM39LV010-45RH Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RL EMC-EM39LV010-45RL Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
EM39LV010-45RM EMC-EM39LV010-45RM Datasheet
282Kb / 23P
   1M Bits (128Kx8) Flash Memory
More results

Similar Description - EM39LV040-90FHI

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F004T MCNIX-MX29F004T Datasheet
587Kb / 39P
   4M-BIT [512KX8] CMOS FLASH MEMORY
MX29F400T MCNIX-MX29F400T Datasheet
710Kb / 44P
   4M-BIT [512Kx8/256Kx16] CMOS FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
MX29F040 MCNIX-MX29F040 Datasheet
592Kb / 40P
   4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Sharp Corporation
LHF40V11 SHARP-LHF40V11 Datasheet
1Mb / 47P
   4M Flash Memory
LHF40V01 SHARP-LHF40V01 Datasheet
1Mb / 48P
   4M Flash Memory
LHF40V21 SHARP-LHF40V21 Datasheet
1Mb / 53P
   4M Flash Memory
LHF40V13 SHARP-LHF40V13 Datasheet
1Mb / 48P
   4M Flash Memory
LH28F400SUHN SHARP-LH28F400SUHN Datasheet
2Mb / 46P
   4M Flash Memory
logo
Toshiba Semiconductor
TC58FVT321-70 TOSHIBA-TC58FVT321-70 Datasheet
555Kb / 48P
   32-MBIT (4M 횞 8 BITS / 2M 횞 16 BITS) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com