Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM68U1000BLTE-10L Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KM68U1000BLTE-10L
Description  128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68U1000BLTE-10L Datasheet(HTML) 3 Page - Samsung semiconductor

  KM68U1000BLTE-10L Datasheet HTML 1Page - Samsung semiconductor KM68U1000BLTE-10L Datasheet HTML 2Page - Samsung semiconductor KM68U1000BLTE-10L Datasheet HTML 3Page - Samsung semiconductor KM68U1000BLTE-10L Datasheet HTML 4Page - Samsung semiconductor KM68U1000BLTE-10L Datasheet HTML 5Page - Samsung semiconductor KM68U1000BLTE-10L Datasheet HTML 6Page - Samsung semiconductor KM68U1000BLTE-10L Datasheet HTML 7Page - Samsung semiconductor KM68U1000BLTE-10L Datasheet HTML 8Page - Samsung semiconductor KM68U1000BLTE-10L Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
KM68V1000B, KM68U1000B Family
CMOS SRAM
Revision 2.0
March 1998
PRODUCT LIST
Commercial Temperarure Products
(0~70
°C)
Extended Temperarure Products
(-25~85
°C)
Industrial Temperarure Products
(-40~85
°C)
Part Name
Function
Part Name
Function
Part Name
Function
KM68V1000BLG-7
KM68V1000BLG-10
KM68V1000BLT-7
KM68V1000BLT-10
KM68V1000BLR-7
KM68V1000BLR-10
KM68V1000BLG-7L
KM68V1000BLG-10L
KM68V1000BLT-7L
KM68V1000BLT-10L
KM68V1000BLR-7L
KM68V1000BLR-10L
KM68U1000BLG-10
KM68U1000BLT-10
KM68U1000BLR-10
KM68U1000BLG-10L
KM68U1000BLT-10L
KM68U1000BLR-10L
32-SOP,70ns,3.3V,L
32-SOP,100ns,3.3V,L
32-TSOP F,70ns,3.3V,L
32-TSOP F,100ns,3.3V,L
32-TSOP R,70ns,3.3V,L
32-TSOP R,100ns,3.3V,L
32-SOP,70ns,3.3V,LL
32-SOP,100ns,3.3V,LL
32-TSOP F,70ns,3.3V,LL
32-TSOP F,100ns,3.3V,LL
32-TSOP R,70ns,3.3V,LL
32-TSOP R,100ns,3.3V,LL
32-SOP,100ns,3.0V,L
32-TSOP F,100ns,3.0V,L
32-TSOP R,100ns,3.0V,L
32-SOP,100ns,3.0V,LL
32-TSOP F,100ns,3.0V,LL
32-TSOP R,100ns,3.0V,LL
KM68V1000BLGE-7
KM68V1000BLGE-10
KM68V1000BLTE-7
KM68V1000BLTE-10
KM68V1000BLRE-7
KM68V1000BLRE-10
KM68V1000BLGE-7L
KM68V1000BLGE-10L
KM68V1000BLTE-7L
KM68V1000BLTE-10L
KM68V1000BLRE-7L
KM68V1000BLRE-10L
KM68U1000BLGE-10
KM68U1000BLTE-10
KM68U1000BLRE-10
KM68U1000BLGE-10L
KM68U1000BLTE-10L
KM68U1000BLRE-10L
32-SOP,70ns,3.3V,L
32-SOP,100ns,3.3V,L
32-TSOP F,70ns,3.3V,L
32-TSOP F,100ns,3.3V,L
32-TSOP R,70ns,3.3V,L
32-TSOP R,100ns,3.3V,L
32-SOP,70ns,3.3V,LL
32-SOP,100ns,3.3V,LL
32-TSOP F,70ns,3.3V,LL
32-TSOP F,100ns,3.3V,LL
32-TSOP R,70ns,3.3V,LL
32-TSOP R,100ns,3.3V,LL
32-SOP,100ns,3.0V,L
32-TSOP F,100ns,3.0V,L
32-TSOP R,100ns,3.0V,L
32-SOP,100ns,3.0V,LL
32-TSOP F,100ns,3.0V,LL
32-TSOP R,100ns,3.0V,LL
KM68V1000BLGI-7
KM68V1000BLGI-10
KM68V1000BLTI-7
KM68V1000BLTI-10
KM68V1000BLRI-7
KM68V1000BLRI-10
KM68V1000BLGI-7L
KM68V1000BLGI-10L
KM68V1000BLTI-7L
KM68V1000BLTI-10L
KM68V1000BLRI-7L
KM68V1000BLRI-10L
KM68U1000BLGI-10
KM68U1000BLTI-10
KM68U1000BLRI-10
KM68U1000BLGI-10L
KM68U1000BLTI-10L
KM68U1000BLRI-10L
32-SOP,70ns,3.3V,L
32-SOP,100ns,3.3V,L
32-TSOP F,70ns,3.3V,L
32-TSOP F,100ns,3.3V,L
32-TSOP R,70ns,3.3V,L
32-TSOP R,100ns,3.3V,L
32-SOP,70ns,3.3V,LL
32-SOP,100ns,3.3V,LL
32-TSOP F,70ns,3.3V,LL
32-TSOP F,100ns,3.3V,LL
32-TSOP R,70ns,3.3V,LL
32-TSOP R,100ns,3.3V,LL
32-SOP,100ns,3.0V,L
32-TSOP F,100ns,3.0V,L
32-TSOP R,100ns,3.0V,L
32-SOP,100ns,3.0V,LL
32-TSOP F,100ns,3.0V,LL
32-TSOP R,100ns,3.0V,LL
FUNCTIONAL DESCRIPTION
1. X means don
′t care(Must be in high or low status.)
CS1
CS2
OE
WE
I/O Pin
Mode
Power
H
X1)
X1)
X1)
High-Z
Deselected
Standby
X1)
L
X1)
X1)
High-Z
Deselected
Standby
L
H
H
H
High-Z
Output Disabled
Active
L
H
L
H
Dout
Read
Active
L
H
X1)
L
Din
Write
Active
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN,VOU
-0.5 to VCC+0.5
V
-
Voltage on Vcc supply relative to Vss
VCC
-0.3 to 4.6
V
-
Power Dissipation
PD
0.7
W
-
Storage temperature
TSTG
-65 to 150
°C
-
Operating Temperature
TA
0 to 70
°C
KM68V1000BL, KM68U1000BL
-25 to 85
°C
KM68V1000BLE, KM68U1000BLE
-40 to 85
°C
KM68V1000BLI, KM68U1000BLI
Soldering temperature and time
TSOLDER
260
°C, 10sec (Lead Only)
-
-


Similar Part No. - KM68U1000BLTE-10L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68U1000C SAMSUNG-KM68U1000C Datasheet
149Kb / 11P
   128K x8 bit Low Power and Low Voltage CMOS Static RAM
More results

Similar Description - KM68U1000BLTE-10L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com