Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEF6721HL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TEF6721HL
Description  Car radio tuner front-end for digital IF
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6721HL Datasheet(HTML) 3 Page - NXP Semiconductors

  TEF6721HL Datasheet HTML 1Page - NXP Semiconductors TEF6721HL Datasheet HTML 2Page - NXP Semiconductors TEF6721HL Datasheet HTML 3Page - NXP Semiconductors TEF6721HL Datasheet HTML 4Page - NXP Semiconductors TEF6721HL Datasheet HTML 5Page - NXP Semiconductors TEF6721HL Datasheet HTML 6Page - NXP Semiconductors TEF6721HL Datasheet HTML 7Page - NXP Semiconductors TEF6721HL Datasheet HTML 8Page - NXP Semiconductors TEF6721HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
9397 750 15042
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 19 July 2005
3 of 45
Philips Semiconductors
TEF6721HL
Car radio tuner front-end for digital IF
4.
Ordering information
IP3
3rd-order input
intercept point
∆f
undesired = 50 kHz
-
130
-
dB
µV
∆fundesired = 300 kHz
-
135
-
dB
µV
IP2
2nd-order input
intercept point
-
140
-
dB
µV
FM overall system parameters (based on 75
Ω dummy aerial; ∆f = 22.5 kHz; de-emphasis is
50
µs in IF DSP; voltages in RMS value at input of dummy aerial); see Figure 9
Vi(RF)(IFAGC)
RF input voltage for
start of IF AGC
first step
-
0.57
-
mV
second step
-
1.1
-
mV
third step
-
2.3
-
mV
Vi(RF)(RFAGC) RF input voltage for
start of wideband AGC
in-band
-
4.5
-
mV
wideband
AGC[1:0] = 11
-
8
-
mV
AGC[1:0] = 10
-
12
-
mV
AGC[1:0] = 01
-
17
-
mV
AGC[1:0] = 00
-
21
-
mV
α26dB
sensitivity
f = 97 MHz
-
1.4
-
µV
IP3
3rd-order input
intercept point
∆fundesired = 400 kHz
-
117
-
dB
µV
Table 1:
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2:
Ordering information
Type number
Package
Name
Description
Version
TEF6721HL
LQFP64
plastic low profile quad flat package; 64 leads;
body 10
× 10 × 1.4 mm
SOT314-2


Similar Part No. - TEF6721HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6700HL PHILIPS-TEF6700HL Datasheet
305Kb / 56P
   Car radio tuner front-end for digital IF
2003 Oct 21
TEF6701HL PHILIPS-TEF6701HL Datasheet
318Kb / 55P
   Car radio tuner front-end for digital IF
Rev. 01-16 November 2004
TEF6730 NXP-TEF6730 Datasheet
270Kb / 56P
   Front-end for digital-IF car radio
Rev. 01-10 July 2006
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
   Front-end for digital-IF car radio
Rev. 01-21 February 2007
TEF6730AHW NXP-TEF6730AHW Datasheet
276Kb / 58P
   Front-end for digital-IF car radio
Rev. 01-21 February 2007
More results

Similar Description - TEF6721HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6700HL PHILIPS-TEF6700HL Datasheet
305Kb / 56P
   Car radio tuner front-end for digital IF
2003 Oct 21
TEF6701HL PHILIPS-TEF6701HL Datasheet
318Kb / 55P
   Car radio tuner front-end for digital IF
Rev. 01-16 November 2004
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
   Front-end for digital-IF car radio
Rev. 01-21 February 2007
TEF6730 NXP-TEF6730 Datasheet
270Kb / 56P
   Front-end for digital-IF car radio
Rev. 01-10 July 2006
logo
Texas Instruments
AFE8221 TI-AFE8221 Datasheet
534Kb / 48P
[Old version datasheet]   Dual IF Analog Front-End for Digital Radio
logo
STMicroelectronics
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
   AM/FM car radio Front-End receiver for IF sampling tuners
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
AN7280S PANASONIC-AN7280S Datasheet
81Kb / 7P
   FM Front-end IC for Car Radio
logo
Sanyo Semicon Device
LA1178M SANYO-LA1178M Datasheet
299Kb / 7P
   FM Front End for Car Radio, Home Radio-Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com