Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSH130-XPAN2 Datasheet(PDF) 2 Page - Winson Semiconductor Corp.

Part # WSH130-XPAN2
Description  Hall Effect Sensor IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSON [Winson Semiconductor Corp.]
Direct Link  http://www.winson.com.tw
Logo WINSON - Winson Semiconductor Corp.

WSH130-XPAN2 Datasheet(HTML) 2 Page - Winson Semiconductor Corp.

  WSH130-XPAN2 Datasheet HTML 1Page - Winson Semiconductor Corp. WSH130-XPAN2 Datasheet HTML 2Page - Winson Semiconductor Corp. WSH130-XPAN2 Datasheet HTML 3Page - Winson Semiconductor Corp. WSH130-XPAN2 Datasheet HTML 4Page - Winson Semiconductor Corp. WSH130-XPAN2 Datasheet HTML 5Page - Winson Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WSH130
Winson reserves the right to make changes to improve reliability or manufacturability.
Supply Voltage
Vcc --------------------------
26V
Output breakdown Voltage
Vout(breakdown) ----------------
30V
Magnetic flux density
B
--------------------------
Unlimited
Reverse Protection Voltage
Vr
--------------------------
26V
Output ON Current (continuous)
Ic
--------------------------
25mA
Operating Temperature Range
Ta
--------------------------
(-40˚C to +125˚C)
Storage Temperature Range
Ts
--------------------------
(-65˚C to +150˚C)
Package Power Dissipation
Pd
--------------------------
500mw
(T=+25˚C, Vcc=2.4V to 26V)
Characteristic
Symbol Test Conditions
Min
Typ
Max Units
Supply Voltage
Vcc
V
Output Saturation
Voltage
Vout
(sat)
Vcc=12V,Ic=10mA
B > Bop
V
Output Leakage
Current
Ileakage Vcc=12V, B<Brp
<
UA
Supply Current
Isupply Vcc=12V,Output
Open
mA
Output Rise Time
Tr
Vcc=12V,RL=2K
CL=20Pf
1.0
Us
Output Falling Time
Tf
Vcc=12V,RL=2K
CL=20Pf
Us
©Winson, 2005/8/25


Similar Part No. - WSH130-XPAN2

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
149Kb / 5P
   Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130 DIWELL-WSH130 Datasheet
179Kb / 5P
   Hall Effect Switch IC
2017/4/7
logo
Winson Semiconductor Co...
WSH130NL WINSON-WSH130NL Datasheet
147Kb / 5P
   Unipolar Hall Effect Switch IC
WSH130NL WINSON-WSH130NL Datasheet
146Kb / 4P
   Unipolar Hall Effect Switch IC
logo
DIWELL Electronics Co.,...
WSH130NL DIWELL-WSH130NL Datasheet
174Kb / 4P
   Unipolar Hall Effect Switch IC
2017/4/7
More results

Similar Description - WSH130-XPAN2

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL525 ETC-HAL525 Datasheet
292Kb / 21P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
   Hall Effect Sensor IC
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com