Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM-PTZ33B Datasheet(PDF) 3 Page - Semtech Corporation

Part # ZM-PTZ33B
Description  SILICON EPITAXIAL PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ZM-PTZ33B Datasheet(HTML) 3 Page - Semtech Corporation

  ZM-PTZ33B Datasheet HTML 1Page - Semtech Corporation ZM-PTZ33B Datasheet HTML 2Page - Semtech Corporation ZM-PTZ33B Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ZM-PTZ3.6B ~ ZM-PTZ36B
16
Zener voltage (V)
Zener voltage characteristics
10
20
Zener voltage (V)
10
0
-0.08
40
30
125-25 C
5
0
1
10
15
0.04
0
-0.04
Zener voltage - temp.
coefficient characteristics
0.08
0.10
Iz=20mA
Iz=40mA
100
1m
4.7
4.3
5.1
3.9
3.6
10m
100m
5.6
15
12
11
13
6.2 6.8
8.2
7.5
10
9.1
20
25
30
35
40
18
20
22
24
27
30
33
36
1200
800
400
Ta (C)
0
50
87.5 100
200
150
0
Individual part
(not mounted)
100
0.5W
Mounting quantity(pcs/substrate)
1
10
100
0
1
1W
100
Derating curve
Ceramic substrate
82x30x1.0(mm)
Glass epoxy substrate
32x30x1.6(mm)
200
Rise in surface temperature
1.5W
ALUMINA SUBSTRATE
114X124X1.6(mm)
200
GLASS EPOXY SUBSTRATE
144X220X1.6(mm)
Mounting quantity(pcs/substrate)
10
100
0.5W
Rise in surface temperature
1.5W
1W
SEMTECH ELECTRONICS LTD. ( Wholly owned subsidiary of Honey Technology Ltd.)
®
Dated : 05/11/2003


Similar Part No. - ZM-PTZ33B

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ZM-PTZ33B SEMTECH_ELEC-ZM-PTZ33B Datasheet
180Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results

Similar Description - ZM-PTZ33B

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com