Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC32ATTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74LVC32ATTR
Description  LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE HIGH PERFORMANCE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVC32ATTR Datasheet(HTML) 2 Page - STMicroelectronics

  74LVC32ATTR Datasheet HTML 1Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 2Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 3Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 4Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 5Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 6Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 7Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 8Page - STMicroelectronics 74LVC32ATTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74LVC32A
2/11
Figure 2: Input And Output Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
1) IO absolute maximum rating must be observed
2) VO < GND
PIN N°
SYMBOL
NAME AND FUNCTION
1, 4, 9, 12
1A to 4A
Data Inputs
2, 5, 10, 13
1B to 4B
Data Inputs
3, 6, 8, 11
1Y to 4Y
Data Outputs
7
GND
Ground (0V)
14
VCC
Positive Supply Voltage
AB
Y
LLL
LH
H
HLH
HHH
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage (VCC = 0V)
-0.5 to +7.0
V
VO
DC Output Voltage (High or Low State) (note 1)
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 50
mA
IOK
DC Output Diode Current (note 2)
- 50
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current per Supply Pin
± 100
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C


Similar Part No. - 74LVC32ATTR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC32AT14-13 DIODES-74LVC32AT14-13 Datasheet
191Kb / 10P
   QUADRUPLE 2-INPUT OR GATES
74LVC32ATS DIODES-74LVC32ATS Datasheet
191Kb / 10P
   QUADRUPLE 2-INPUT OR GATES
74LVC32ATS-13 DIODES-74LVC32ATS-13 Datasheet
191Kb / 10P
   QUADRUPLE 2-INPUT OR GATES
More results

Similar Description - 74LVC32ATTR

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC32A KODENSHI-KK74HC32A Datasheet
199Kb / 5P
   Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
KK74HCT32A KODENSHI-KK74HCT32A Datasheet
195Kb / 5P
   Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC32A IKSEMICON-IN74HC32A Datasheet
186Kb / 5P
   Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
IN74HCT32A IKSEMICON-IN74HCT32A Datasheet
181Kb / 5P
   Quad 2-Input OR Gate High-Performance Silicon-Gate CMOS
logo
ON Semiconductor
MC74LCX32 ONSEMI-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
1996 REV 1
MC74LCX32 ONSEMI-MC74LCX32_12 Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input OR Gate
October, 2012 ??Rev. 8
logo
System Logic Semiconduc...
SL74HCT32 SLS-SL74HCT32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate(High-Performance Silicon-Gate CMOS)
logo
Motorola, Inc
MC74LVQ32 MOTOROLA-MC74LVQ32 Datasheet
183Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
MC74LCX32 MOTOROLA-MC74LCX32 Datasheet
134Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT OR GATE
logo
STMicroelectronics
74LVQ32 STMICROELECTRONICS-74LVQ32_04 Datasheet
226Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com