Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW32LT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # BCW32LT1G
Description  General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW32LT1G Datasheet(HTML) 3 Page - ON Semiconductor

  BCW32LT1G Datasheet HTML 1Page - ON Semiconductor BCW32LT1G Datasheet HTML 2Page - ON Semiconductor BCW32LT1G Datasheet HTML 3Page - ON Semiconductor BCW32LT1G Datasheet HTML 4Page - ON Semiconductor BCW32LT1G Datasheet HTML 5Page - ON Semiconductor BCW32LT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BCW32LT1
http://onsemi.com
3
NOISE FIGURE CONTOURS
(VCE = 5.0 Vdc, TA = 25°C)
Figure 3. Narrow Band, 100 Hz
IC, COLLECTOR CURRENT (mA)
500k
Figure 4. Narrow Band, 1.0 kHz
IC, COLLECTOR CURRENT (mA)
10
2.0 dB
BANDWIDTH = 1.0 Hz
Figure 5. Wideband
IC, COLLECTOR CURRENT (mA)
10
10 Hz to 15.7 kHz
Noise Figure is defined as:
NF
+ 20 log10
en2 ) 4KTRS ) In
2RS2
4KTRS
1 2
= Noise Voltage of the Transistor referred to the input. (Figure 3)
= Noise Current of the Transistor referred to the input.
(Figure 4)
= Boltzman’s Constant (1.38 x 10−23 j/
°K)
= Temperature of the Source Resistance (
°K)
= Source Resistance (
W)
en
I
n
K
T
R
S
3.0 dB 4.0 dB
6.0 dB
10 dB
50
100
200
500
1k
10k
5k
20k
50k
100k
200k
2k
20
30
50 70 100
200 300
500 700 1k
10
20
30
50 70 100
200 300
500 700 1k
500k
100
200
500
1k
10k
5k
20k
50k
100k
200k
2k
1M
500k
50
100
200
500
1k
10k
5k
20k
50k
100k
200k
2k
20
30
50 70 100
200 300
500 700 1k
BANDWIDTH = 1.0 Hz
1.0 dB
2.0 dB
3.0 dB
5.0 dB
8.0 dB
1.0 dB
2.0 dB
3.0 dB
5.0 dB
8.0 dB


Similar Part No. - BCW32LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW32LT1G ONSEMI-BCW32LT1G Datasheet
198Kb / 6P
   General Purpose Transistors
August, 2009 ??Rev. 2
BCW32LT1G ONSEMI-BCW32LT1G Datasheet
193Kb / 6P
   General Purpose Transistors
November, 2016 ??Rev. 4
BCW32LT1G ONSEMI-BCW32LT1G_09 Datasheet
198Kb / 6P
   General Purpose Transistors
August, 2009 ??Rev. 2
More results

Similar Description - BCW32LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com