Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA00001DTR Datasheet(PDF) 8 Page - Texas Instruments

Part # HPA00001DTR
Description  LOW POWER CURRENT MODE PUSH-PULL PWM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HPA00001DTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button HPA00001DTR Datasheet HTML 2Page - Texas Instruments HPA00001DTR Datasheet HTML 3Page - Texas Instruments HPA00001DTR Datasheet HTML 4Page - Texas Instruments HPA00001DTR Datasheet HTML 5Page - Texas Instruments HPA00001DTR Datasheet HTML 6Page - Texas Instruments HPA00001DTR Datasheet HTML 7Page - Texas Instruments HPA00001DTR Datasheet HTML 8Page - Texas Instruments HPA00001DTR Datasheet HTML 9Page - Texas Instruments HPA00001DTR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
HPA00001D
ACTIVE
SOIC
D
8
None
CU NIPDAU
Level-1-220C-UNLIM
HPA00001DTR
ACTIVE
SOIC
D
8
None
CU NIPDAU
Level-1-220C-UNLIM
UCC2808AD-1
ACTIVE
SOIC
D
8
75
None
CU NIPDAU
Level-1-220C-UNLIM
UCC2808AD-2
ACTIVE
SOIC
D
8
75
None
CU NIPDAU
Level-1-220C-UNLIM
UCC2808ADTR-1
ACTIVE
SOIC
D
8
2500
None
CU NIPDAU
Level-1-220C-UNLIM
UCC2808ADTR-2
ACTIVE
SOIC
D
8
2500
None
CU NIPDAU
Level-1-220C-UNLIM
UCC2808AN-1
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
UCC2808AN-2
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
UCC2808APW-1
ACTIVE
TSSOP
PW
8
150
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC2808APW-2
ACTIVE
TSSOP
PW
8
150
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC2808APWTR-1
ACTIVE
TSSOP
PW
8
2000
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC2808APWTR-2
ACTIVE
TSSOP
PW
8
2000
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC3808AD-1
ACTIVE
SOIC
D
8
75
None
CU NIPDAU
Level-1-220C-UNLIM
UCC3808AD-2
ACTIVE
SOIC
D
8
75
None
CU NIPDAU
Level-1-220C-UNLIM
UCC3808ADTR-1
ACTIVE
SOIC
D
8
2500
None
CU NIPDAU
Level-1-220C-UNLIM
UCC3808ADTR-2
ACTIVE
SOIC
D
8
2500
None
CU NIPDAU
Level-1-220C-UNLIM
UCC3808AN-1
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
UCC3808AN-2
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
UCC3808APW-1
ACTIVE
TSSOP
PW
8
150
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC3808APW-2
ACTIVE
TSSOP
PW
8
150
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC3808APWTR-1
ACTIVE
TSSOP
PW
8
2000
None
CU NIPDAU
Level-2-220C-1 YEAR
UCC3808APWTR-2
ACTIVE
TSSOP
PW
8
2000
None
CU NIPDAU
Level-2-220C-1 YEAR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
PACKAGE OPTION ADDENDUM
www.ti.com
9-Mar-2005
Addendum-Page 1


Similar Part No. - HPA00001DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00002DTR TI-HPA00002DTR Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results

Similar Description - HPA00001DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_15 Datasheet
957Kb / 22P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com