Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2808ADTR-2 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2808ADTR-2
Description  LOW POWER CURRENT MODE PUSH-PULL PWM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2808ADTR-2 Datasheet(HTML) 5 Page - Texas Instruments

  UCC2808ADTR-2 Datasheet HTML 1Page - Texas Instruments UCC2808ADTR-2 Datasheet HTML 2Page - Texas Instruments UCC2808ADTR-2 Datasheet HTML 3Page - Texas Instruments UCC2808ADTR-2 Datasheet HTML 4Page - Texas Instruments UCC2808ADTR-2 Datasheet HTML 5Page - Texas Instruments UCC2808ADTR-2 Datasheet HTML 6Page - Texas Instruments UCC2808ADTR-2 Datasheet HTML 7Page - Texas Instruments UCC2808ADTR-2 Datasheet HTML 8Page - Texas Instruments UCC2808ADTR-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UCC2808A1, UCC2808A2, UCC3808A1, UCC3808A2
LOW POWER CURRENT MODE PUSHPULL PWM
SLUS456D – APRIL 1999 - REVISED AUGUST 2002
5
www.ti.com
pin assignments (continued)
SQ
R
4
OSCILLATOR
OUTPUT
0.2 V
VDD
2
RC
(APPROXIMATE
FREQUENCY)
FREQUENCY =
1.41
RC
UDG-00095
Figure 1. Block Diagram for Oscillator
NOTE A: The oscillator generates a sawtooth waveform on RC. During the RC rise time, the output stages alternate on time, but both stages are
off during the RC fall time. The output stages switch a 1/2 the oscillator frequency, with ensured duty cycle of < 50% for both outputs.
VDD: The power input connection for this device. Although quiescent VDD current is very low, total supply current
will be higher, depending on OUTA and OUTB current, and the programmed oscillator frequency. Total VDD current
is the sum of quiescent VDD current and the average OUT current. Knowing the operating frequency and the
MOSFET gate charge (Qg), average OUT current can be calculated from:
I
OUT +
Qg
F, where F is frequency
To prevent noise problems, bypass VDD to GND with a ceramic capacitor as close to the chip as possible along with
an electrolytic capacitor. A 1-
µF decoupling capacitor is recommended.
APPLICATION INFORMATION
A 200-kHz push-pull application circuit with a full-wave rectifier is shown in Figure 2. The output, VO, provides 5 V
at 50 W maximum and is electrically isolated from the input. Since the UCC3808A is a peak-current-mode controller
the 2N2907 emitter following amplifier (buffers the CT waveform) provides slope compensation which is necessary
for duty ratios greater than 50%. Capacitor decoupling is very important with a single ground IC controller, and a 1
µF is suggested as close to the IC as possible. The controller supply is a series RC for start-up, paralleled with a bias
winding on the output inductor used in steady state operation.
Isolation is provided by an optocoupler with regulation done on the secondary side using the TL431 adjustable
precision shunt regulator. Small signal compensation with tight voltage regulation is achieved using this part on the
secondary side. Many choices exist for the output inductor depending on cost, volume, and mechanicall strength.
Several design options are iron powder, molypermalloy (MPP), or a ferrite core with an air gap as shown here. The
main power transformer has a Magnetics Inc. ER28 size core made of P material for efficient operation at this
frequency and temperature. The input voltage may range from 36 V dc to 72 V dc.


Similar Part No. - UCC2808ADTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808ADTR-2 TI1-UCC2808ADTR-2 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808ADTR-2G4 TI1-UCC2808ADTR-2G4 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results

Similar Description - UCC2808ADTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_15 Datasheet
957Kb / 22P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808-1 TI1-UCC2808-1_13 Datasheet
912Kb / 18P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com