Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89S4051-24SI Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT89S4051-24SI
Description  8-bit Microcontroller with 2K/4K Bytes Flash
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S4051-24SI Datasheet(HTML) 4 Page - ATMEL Corporation

  AT89S4051-24SI Datasheet HTML 1Page - ATMEL Corporation AT89S4051-24SI Datasheet HTML 2Page - ATMEL Corporation AT89S4051-24SI Datasheet HTML 3Page - ATMEL Corporation AT89S4051-24SI Datasheet HTML 4Page - ATMEL Corporation AT89S4051-24SI Datasheet HTML 5Page - ATMEL Corporation AT89S4051-24SI Datasheet HTML 6Page - ATMEL Corporation AT89S4051-24SI Datasheet HTML 7Page - ATMEL Corporation AT89S4051-24SI Datasheet HTML 8Page - ATMEL Corporation AT89S4051-24SI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
4
3390C–MICRO–7/05
AT89S2051/S4051
4.5
RST
Reset input. Holding the RST pin high for two machine cycles while the is running resets the
device.
Each machine cycle takes 6 or clock cycles.
4.6
XTAL1
Input to the inverting amplifier and input to the internal clock operating circuit.
4.7
XTAL2
Output from the inverting amplifier.
5.
Characteristics
XTAL1 and XTAL2 are the input and output, respectively, of an inverting amplifier which can be
configured for use as an on-chip , as shown in Figure 5-1. Either a quartz crystal or ceramic res-
onator may be used. To drive the device from an external clock source, XTAL2 should be left
unconnected while XTAL1 is driven as shown in Figure 5-2. There are no requirements on the
duty cycle of the external clock signal, since the input to the internal clocking circuitry is through
a divide-by-two flip-flop, but minimum and maximum voltage high and low time specifications
must be observed.
Figure 5-1.
Connections
Note:
C1, C2 = 30 pF
± 10 pF for Crystals
= 40 pF
± 10 pF for Ceramic Resonators
Figure 5-2.
External Clock Drive Configuration


Similar Part No. - AT89S4051-24SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S4051-24SI ATMEL-AT89S4051-24SI Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results

Similar Description - AT89S4051-24SI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com