Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89S4051-24PU Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT89S4051-24PU
Description  8-bit Microcontroller with 2K/4K Bytes Flash
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S4051-24PU Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT89S4051-24PU Datasheet HTML 2Page - ATMEL Corporation AT89S4051-24PU Datasheet HTML 3Page - ATMEL Corporation AT89S4051-24PU Datasheet HTML 4Page - ATMEL Corporation AT89S4051-24PU Datasheet HTML 5Page - ATMEL Corporation AT89S4051-24PU Datasheet HTML 6Page - ATMEL Corporation AT89S4051-24PU Datasheet HTML 7Page - ATMEL Corporation AT89S4051-24PU Datasheet HTML 8Page - ATMEL Corporation AT89S4051-24PU Datasheet HTML 9Page - ATMEL Corporation AT89S4051-24PU Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
6
3390C–MICRO–7/05
AT89S2051/S4051
Table 7-1.
AT89S2051/S4051 SFR Map and Reset Values
0F8H
0FFH
0F0H
B
00000000
0F7H
0E8H
0EFH
0E0H
ACC
00000000
0E7H
0D8H
0DFH
0D0H
PSW
00000000
0D7H
0C8H
0CFH
0C0H
0C7H
0B8H
IP
X0X00000
SADEN
00000000
0BFH
0B0H
P3
11111111
IPH
X0X00000
0B7H
0A8H
IE
00X00000
SADDR
00000000
0AFH
0A0H
0A7H
98H
SCON
00000000
SBUF
XXXXXXXX
9FH
90H
P1
11111111
ACSR
XXX00000
97H
88H
TCON
00000000
TMOD
00000000
TL0
00000000
TL1
00000000
TH0
00000000
TH1
00000000
CLKREG
XXXXXX0X
8FH
80H
SP
00000111
DPL
00000000
DPH
00000000
PCON
000X0000
87H


Similar Part No. - AT89S4051-24PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S4051-24PC ATMEL-AT89S4051-24PC Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S4051-24PI ATMEL-AT89S4051-24PI Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
More results

Similar Description - AT89S4051-24PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26 Datasheet
135Kb / 16P
   8-bit Microcontroller with 2K Bytes Flash
AT89C2051 ATMEL-AT89C2051 Datasheet
251Kb / 13P
   8-Bit Microcontroller with 2K Bytes Flash
ATTINY26 ATMEL-ATTINY26_07 Datasheet
374Kb / 19P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP216 ATMEL-AT89LP216_08 Datasheet
2Mb / 96P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_06 Datasheet
1Mb / 90P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com