Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1731-30PVBG Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1731-30PVBG
Description  300mA, Low Dropout Linear Regulator with Shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1731-30PVBG Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1731-30PVBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC1731-30PVBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1731-30PVBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1731-30PVBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1731-30PVBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1731-30PVBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1731-30PVBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1731-30PVBG Datasheet HTML 9Page - Analog Intergrations Corporation AIC1731-30PVBG Datasheet HTML 10Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AIC1731
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 11 VDROP vs. ILOAD
ILOAD (mA)
0
50
100
150
200
250
300
0
100
200
300
400
500
600
700
AIC1731-33
T=50
°C
T=80
°C
T=-40
°C
T=20
°C
Fig. 12 Current Limit vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
480
500
520
540
560
580
600
620
640
VIN=7V
VIN=6V
VIN=5V
VOUT
CBP=0.1µF
COUT=4.7µF
Fig. 13 Load Transient Response
IOUT=180mA
IOUT=120mA
VOUT
CBP=0.1µF
COUT=1µF
Fig. 14 Load Transient Response
IOUT=180mA
IOUT=120mA
Vin=VOUT+1
VOUT=3.3V
Fig. 15 Line Transient Response
CIN=1µF, COUT=1µF
CBP=0.1µF
Iout=50mA
Vin=VOUT+2V
Vin=VOUT+1V
VOUT=3.3V
Fig. 16 Line Transient Response
CIN=1µF, COUT=4.7µF
CBP=0.1µF
Iout=50mA
Vin=VOUT+2V
7


Similar Part No. - AIC1731-30PVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1731-30PV AIC-AIC1731-30PV Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1731-30PVBG

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com