Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCG5643 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMCG5643
Description  Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMCG5643 Datasheet(HTML) 1 Page - Microsemi Corporation

  SMCG5643 Datasheet HTML 1Page - Microsemi Corporation SMCG5643 Datasheet HTML 2Page - Microsemi Corporation SMCG5643 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transient Voltage Suppressors
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2003
01-24-2003 REV A
S C O T TS DALE DIVISION
SMCG5629 thru SMCG5665A
and SMCJ5629 thru SMCJ5665A
DESCRIPTION
APPEARANCE
These surface mount Transient Voltage Suppressors (TVSs) are used for protecting
sensitive components requiring low clamping voltage levels. They are rated at high
current impulses typically generated by inductive switching transients. Other
benefits are achieved with low-profile surface mount J-bend or Gull-wing terminals
for stress-relief and lower weight. Its low-flat profile provides easier insertion or
automatic handling benefits compared to other MELF style packages. Options for
screening similar to JAN, JANTX, JANTXV, and JANS also exist by using MQ, MX,
MV or MSP respectively for part number prefixes and high reliability screening in
accordance with MIL-PRF-19500/507.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
Working Standoff Voltages: 5.5 volts to 171 volts
Metallurgically bonded
Reliability data per JESD22-A108, JESD22-A104,
JESD22-A113-B, JESD22-A101-B, and JESD22-A102
Thermally efficient surface mount with J-bends or
Gull wings termination for stress relief (flat handling
surface and easier placement)
Options for screening in accordance with MIL-PRF-
19500/500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers. For example,
designate a MXSMCJ5629A for a JANTX screen.
• For high reliability transient voltage suppression in
low profile surface mount locations requiring easy
placement and strain relief
• Light weight for airborne or satellite applications
• Superior surge quality to protect from ESD and EFT
transients per IEC61000-4-2 and -4-4
• Lightning surge protection per IEC61000-4-5 for
Class 1 and 2 with source impedance of 42 Ohms as
well as Class 3 and 4 selectively at lower voltages
(VWM) and higher surge current (IPP) ratings herein
Protects sensitive components such as ICs, CMOS,
Bipolar, BiCMOS, ECL, DTL, T
2L, etc.
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Operating temperature: -55°C to +150°C
• Storage temperature: -55°C to +150°C
• 1500 Watts of Peak Pulse Power at 10/1000 µs as
shown in Figure 3 (see Figure 1 for other tP values)
• Thermal resistance, RθJL = 20°C/W
• Impulse repetition rate (duty factor): 0.01%
• 5.0 Watt steady-state maximum power at TL =25°C
• tclamping (0V to V(BR) min): 50 picoseconds max
(theoretical)
• Forward voltage VF @ 100 Amps 8.3 ms: 3.5 V max.
• Molded epoxy package meets UL94V-0
• Terminals: Solderable per MIL-STD-750
Method 2026. (max 260 °C for 10 sec.)
• Body marked with P/N without SMCJ or SMCG letters
(ie. 5629A, 5640, 5655A, 5662, 5665A, etc.)
• Cathode indicated by band
• Weight: 0.25 grams (approximate)
• Tape & Reel packaging per EIA-481
(2500 units/reel)
ELECTRICAL CHARACTERISTICS @ 25oC (Test Both Polarities)
Breakdown
Voltage*
(VBR)
MIN. MAX.
Test
Current
(I(BR))
Rated
Standoff
Voltage
(VWM)
Maximum
Standby
Current
(ID at VWM)
Maximum Peak
Reverse Voltage
(VC max. at IPP)
Maximum Peak
Pulse Current
(IPP)
MICROSEMI
Part Number
Modified
“G”
Bend Lead
MICROSEMI
Part Number
Modified
“J”
Bend Lead
Vdc
Vdc
mAdc
V
µAdc
V
A
SMCG5629
SMCG5629A
SMCG5630
SMCG5630A
SMCJ5629
SMCJ5629A
SMCJ5630
SMCJ5630A
6.12
6.45
6.75
7.13
7.48
7.14
8.25
7.88
10
10
10
10
5.50
5.80
6.05
6.40
1000
1000
500
500
10.8
10.5
11.7
11.3
139
143
128
132
SMCG5631
SMCG5631A
SMCG5632
SMCG5632A
SMCJ5631
SMCJ5631A
SMCJ5632
SMCJ5632A
7.38
7.79
8.19
8.65
9.02
8.61
10.0
9.55
10
10
1
1
6.63
7.02
7.37
7.78
200
200
50
50
12.5
12.1
13.8
13.4
120
124
109
112
SMCG5633
SMCG5633A
SMCG5634
SMCG5634A
SMCJ5633
SMCJ5633A
SMCJ5634
SMCJ5634A
9.00
9.5
9.9
10.5
11.0
10.5
12.1
11.6
1
1
1
1
8.10
8.55
8.92
9.40
10
10
5
5
15.0
14.5
16.2
15.6
100
103
93
96


Similar Part No. - SMCG5643

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMCG56 LUGUANG-SMCG56 Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
SMCG56A LUGUANG-SMCG56A Datasheet
252Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMCG5643

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com