Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS170F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BS170F
Description  SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BS170F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BS170F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 N-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 3 - JANUARY 1996
FEATURES
*
60Volt V
DS
*R
DS(ON) = 5Ω
PARTMARKING DETAIL – MV
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
60
V
Continuous Drain Current at Tamb=25°C
ID
0.15
mA
Pulsed Drain Current
IDM
3A
Gate Source Voltage
VGS
± 20
V
Power Dissipation at Tamb=25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN. TYP.
MAX. UNIT CONDITIONS.
Drain-Source
Breakdown Voltage
BVDSS
60
90
V
ID=100µA, VGS=0V
Gate-Source Threshold
Voltage
VGS(th)
0.8
3
V
ID=1mA, VDS= VGS
Gate-Body Leakage
IGSS
10
nA
VGS=15V, VDS=0V
Zero Gate Voltage Drain
Current
IDSS
0.5
µA
VDS=25V, VGS=0V
Static Drain-Source On-State
Resistance (1)
RDS(on)
5
VGS=10V, ID=200mA
Forward Transconductance
(1)(2)
gfs
200
mS
VDS=10V, ID=200mA
Input Capacitance (2)
Ciss
60
pF
VDS=10V, VGS=0V,
f=1MHz
Turn-On Delay Time (2)(3)
td(on)
10
ns
VDD ≈-15V, ID=600mA
Turn-Off Delay Time (2)(3)
td(off)
10
ns
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2% (2) Sample test.
(3) Switching times measured with 50
Ω source impedance and <5ns rise time on a pulse generator
Spice parameter data is available upon request for this device
For typical characteristics graphs refer to ZVN3306F datasheet.
BS170F
D
G
S
SOT23
3 - 54


Similar Part No. - BS170F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS170F DIODES-BS170F Datasheet
26Kb / 1P
   60Volt VDS
BS170FTA DIODES-BS170FTA Datasheet
29Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
VBsemi Electronics Co.,...
BS170FTA VBSEMI-BS170FTA Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Diodes Incorporated
BS170F DIODES-BS170F_15 Datasheet
26Kb / 1P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - BS170F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVN3306FTA DIODES-ZVN3306FTA Datasheet
105Kb / 3P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LFTA DIODES-VN10LFTA Datasheet
29Kb / 1P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN3320F DIODES-ZVN3320F_15 Datasheet
56Kb / 1P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN3306F DIODES-ZVN3306F_15 Datasheet
105Kb / 3P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 DIODES-BSS123_15 Datasheet
50Kb / 1P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Zetex Semiconductors
VN10LF ZETEX-VN10LF Datasheet
28Kb / 1P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BST82 ZETEX-BST82 Datasheet
30Kb / 1P
   SOT23 N CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN3306F DIODES-ZVN3306F Datasheet
105Kb / 3P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN3320FTA DIODES-ZVN3320FTA Datasheet
56Kb / 1P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LF DIODES-VN10LF_15 Datasheet
26Kb / 1P
   SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com