Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M467400DTP-5 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M5M467400DTP-5
Description  FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M467400DTP-5 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M5M467400DTP-5 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M467400DTP-5 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M467400DTP-5 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M467400DTP-5 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M467400DTP-5 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M467400DTP-5 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M467400DTP-5 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M467400DTP-5 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M5M467400DTP-5 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
FAST PAGE MODE 67108864-BIT (8388608-WORD BY 8-BIT) DYNAMIC RAM
FAST PAGE MODE 67108864-BIT (4194304-WORD BY 16-BIT) DYNAMIC RAM
M5M467400/465400DJ,DTP -5,-6,-5S,-6S
M5M467800/465800DJ,DTP -5,-6,-5S,-6S
M5M465160DJ,DTP -5,-6,-5S,-6S
MITSUBISHI ELECTRIC
Aug. 1999
MITSUBISHI LSIs
(Rev. 1.0)
8
ELECTRICAL CHARACTERISTICS (Ta=0
70
, Vcc=3.3
0.3V, Vss=0V, unless otherwise noted) (Note 2)
C
[M5M465400D / M5M465800D]
~
±
Symbol
VOH
VOL
IOZ
I I
ICC1 (AV)
High-level output voltage
Parameter
Low-level output voltage
Off-state output current
Input current
Average supply current
from Vcc
operating
(Note 3,4,5)
M5M465400D-5,5S
M5M465800D-5,5S
M5M465400D-6,6S
M5M465800D-6,6S
M5M465400D-5,5S
-6,6S
M5M465400D-5,6
M5M465800D-5,6
M5M465400D-5S,6S
M5M465800D-5S,6S
ICC2 (AV)
Average supply current
from Vcc
stand-by
ICC4 (AV)
(Note 3,4,5)
Average supply current
from Vcc
Fast-Page-Mode
M5M465400D-5,5S
M5M465800D-5,5S
M5M465400D-6,6S
M5M465800D-6,6S
ICC6 (AV)
(Note 3,5)
Average supply current
from Vcc
CAS before RAS refresh
mode
M5M465400D-5,5S
M5M465800D-5,5S
M5M465400D-6,6S
M5M465800D-6,6S
(Note 6)
M5M465800D-5,5S
-6,6S
Limits
Min
Max
Unit
Typ
Test conditions
IOH=-2mA
IOL=2mA
Q floating 0V
VOUT Vcc
0V
VIN Vcc+0.3V, Other input pins=0V
RAS, CAS cycling
tRC=tWC=min.
output open
V
V
mA
Vcc
0.4
10
10
130
2.4
0
-10
-10
µA
µA
RAS= CAS =VIH, output open
1
RAS= CAS
Vcc -0.2V,output open
mA
0.5
0.3
RAS=VIL, CAS cycling
tPC=min.
output open
mA
mA
100
90
130
120
CAS before RAS refresh cycling
tRC=min.
output open
120
[M5M465160D]
Symbol
VOH
VOL
IOZ
I I
ICC1 (AV)
ICC2 (AV)
High-level output voltage
Parameter
Low-level output voltage
Off-state output current
Input current
Average supply current
from Vcc
operating
(Note 3,4,5)
Average supply current
from Vcc
stand-by
M5M465160D-5,5S
M5M465160D-6,6S
ICC4 (AV)
ICC6 (AV)
Average supply current
from Vcc
Fast-Page-Mode (Note 3,4,5)
Average supply current
from Vcc
CAS before RAS refresh
mode
(Note 3,5)
M5M465160D-5,5S
M5M465160D-6,6S
M5M465160D-5,5S
M5M465160D-6,6S
Limits
Min
Max
Unit
Typ
Test conditions
IOH=-2mA
IOL=2mA
Q floating 0V
VOUT
Vcc
0V
VIN
Vcc+0.3V, Other input pins=0V
RAS, CAS cycling
RAS= CAS =VIH, output open
RAS= CAS
Vcc -0.2V, output open
V
V
mA
mA
Vcc
0.4
10
10
140
130
1
0.5
2.4
0
-10
-10
output open
tRC=tWC=min.
RAS=VIL, CAS cycling
CAS before RAS refresh cycling
tRC=min.
output open
mA
mA
105
95
140
130
output open
tPC=min.
µA
µA
0.3
M5M465160D-5,5S
-6,6S
M5M465160D-5,6
M5M465160D-5S,6S
(Note 6)


Similar Part No. - M5M467400DTP-5

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M467400BJ MITSUBISHI-M5M467400BJ Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400J-5 MITSUBISHI-M5M467400J-5 Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400J-5S MITSUBISHI-M5M467400J-5S Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400J-6 MITSUBISHI-M5M467400J-6 Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467400J-6S MITSUBISHI-M5M467400J-6S Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
More results

Similar Description - M5M467400DTP-5

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M467400BJ MITSUBISHI-M5M467400BJ Datasheet
392Kb / 37P
   FAST PAGE MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467405BTP-5 MITSUBISHI-M5M467405BTP-5 Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467405DTP-5 MITSUBISHI-M5M467405DTP-5 Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
   FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
MH16V72AWJ-5 MITSUBISHI-MH16V72AWJ-5 Datasheet
195Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V64AWJ-5 MITSUBISHI-MH16V64AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V644AWJ-5 MITSUBISHI-MH16V644AWJ-5 Datasheet
186Kb / 20P
   FAST PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V724AWJ-5 MITSUBISHI-MH16V724AWJ-5 Datasheet
189Kb / 20P
   FAST PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
MH16V6445BWJ-5 MITSUBISHI-MH16V6445BWJ-5 Datasheet
127Kb / 22P
   HYPER PAGE MODE 1073741824 - BIT ( 16777216 - WORD BY 64 - BIT ) DYNAMIC RAM
MH16V725BATJ-5 MITSUBISHI-MH16V725BATJ-5 Datasheet
149Kb / 22P
   HYPER PAGE MODE 1207959552 - BIT ( 16777216 - WORD BY 72 - BIT ) DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com