Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGSF1P02ELT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MGSF1P02ELT3
Description  Power MOSFET 750 mAmps, 20 Volts P-Channel SOT-23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MGSF1P02ELT3 Datasheet(HTML) 1 Page - ON Semiconductor

  MGSF1P02ELT3 Datasheet HTML 1Page - ON Semiconductor MGSF1P02ELT3 Datasheet HTML 2Page - ON Semiconductor MGSF1P02ELT3 Datasheet HTML 3Page - ON Semiconductor MGSF1P02ELT3 Datasheet HTML 4Page - ON Semiconductor MGSF1P02ELT3 Datasheet HTML 5Page - ON Semiconductor MGSF1P02ELT3 Datasheet HTML 6Page - ON Semiconductor MGSF1P02ELT3 Datasheet HTML 7Page - ON Semiconductor MGSF1P02ELT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
November, 2000 – Rev. 2
1
Publication Order Number:
MGSF1P02ELT1/D
MGSF1P02ELT1
Preferred Device
Power MOSFET
750 mAmps, 20 Volts
P–Channel SOT–23
These miniature surface mount MOSFETs low RDS(on) assure
minimal power loss and conserve energy, making these devices ideal
for use in space sensitive power management circuitry. Typical
applications are dc–dc converters and power management in portable
and battery–powered products such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
Low RDS(on) Provides Higher Efficiency and Extends Battery Life
Miniature SOT–23 Surface Mount Package Saves Board Space
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
20
Vdc
Gate–to–Source Voltage – Continuous
VGS
± 8.0
Vdc
Drain Current
– Continuous @ TA = 25°C
– Pulsed Drain Current (tp ≤ 10 µs)
ID
IDM
750
2000
mA
Total Power Dissipation @ TA = 25°C
PD
400
mW
Operating and Storage Temperature
Range
TJ, Tstg
– 55 to
150
°C
Thermal Resistance – Junction–to–Ambient
R
θJA
300
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10
seconds
TL
260
°C
3
1
2
Device
Package
Shipping
ORDERING INFORMATION
MGSF1P02ELT1
SOT–23
3000 Tape & Reel
P–Channel
SOT–23
CASE 318
STYLE 21
http://onsemi.com
W
MARKING
DIAGRAM
PE
W
= Work Week
PIN ASSIGNMENT
3
2
1
Drain
Gate
2
1
3
Source
750 mAMPS
20 VOLTS
RDS(on) = 260 mW
Preferred devices are recommended choices for future use
and best overall value.
MGSF1P02ELT3
SOT–23
10,000 Tape & Reel


Similar Part No. - MGSF1P02ELT3

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MGSF1P02 WEITRON-MGSF1P02 Datasheet
158Kb / 5P
   Power MOSFET P-Channel
logo
Motorola, Inc
MGSF1P02LT1 MOTOROLA-MGSF1P02LT1 Datasheet
195Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
logo
ON Semiconductor
MGSF1P02LT1 ONSEMI-MGSF1P02LT1 Datasheet
82Kb / 8P
   Power MOSFET 750 mAmps, 20 Volts
November, 2000 ??Rev. 3
logo
Motorola, Inc
MGSF1P02LT3 MOTOROLA-MGSF1P02LT3 Datasheet
195Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
logo
ON Semiconductor
MGSF1P02LT3 ONSEMI-MGSF1P02LT3 Datasheet
82Kb / 8P
   Power MOSFET 750 mAmps, 20 Volts
November, 2000 ??Rev. 3
More results

Similar Description - MGSF1P02ELT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF1N02LT1 ONSEMI-MGSF1N02LT1_05 Datasheet
63Kb / 4P
   Power MOSFET 750 mAmps, 20 Volts N-Channel SOT-23
December, 2005 ??Rev. 4
logo
Leshan Radio Company
LMGSF1N02LT1 LRC-LMGSF1N02LT1 Datasheet
131Kb / 4P
   Power MOSFET 750 mAmps, 20 Volts
logo
ON Semiconductor
MGSF1P02LT1 ONSEMI-MGSF1P02LT1 Datasheet
82Kb / 8P
   Power MOSFET 750 mAmps, 20 Volts
November, 2000 ??Rev. 3
MGSF1N02LT1 ONSEMI-MGSF1N02LT1 Datasheet
76Kb / 8P
   Power MOSFET 750 mAmps, 20 Volts
November, 2000 ??Rev. 3
MMBF2202PT1 ONSEMI-MMBF2202PT1 Datasheet
79Kb / 6P
   Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
November, 2003 ??Rev. 4
MMBF2202PT1 ONSEMI-MMBF2202PT1_06 Datasheet
59Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323
January, 2006 ??Rev. 5
logo
Shanghai Leiditech Elec...
LBSS138LT1G LEIDITECH-LBSS138LT1G Datasheet
938Kb / 6P
   Power MOSFET 200 mAmps, 50 Volts N?밅hannel SOT-23
logo
ON Semiconductor
NTF6P02T3-D ONSEMI-NTF6P02T3-D_10 Datasheet
143Kb / 6P
   Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
MMBF2201NT1 ONSEMI-MMBF2201NT1_06 Datasheet
57Kb / 4P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
January, 2006 ??Rev. 4
MMBF2201NT1 ONSEMI-MMBF2201NT1 Datasheet
60Kb / 8P
   Power MOSFET 300 mAmps, 20 Volts N-Channel SC-70/SOT-323
November, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com