Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9DB202 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS9DB202
Description  Two 0.7V current mode differential HCSL output pairs, 1 differential clock input
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB202 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS9DB202 Datasheet HTML 1Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 2Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB202 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
9DB202CG
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 6, 2004
4
Integrated
Circuit
Systems, Inc.
ICS9DB202
PCI EXPRESS
JITTER ATTENUATOR
TABLE 5. AC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, T
A
= 0°C TO 70°C, RREF = 475
TABLE 4D. HCSL DC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, T
A
= 0°C TO 70°C, RREF = 475
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
H
O
t
n
e
r
r
u
C
t
u
p
t
u
O
2
14
16
1A
m
V
H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
0
8
6V
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
5
6V
I
Z
O
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
n
a
d
e
p
m
I
h
g
i
H
0
1
-0
1A
µ
V
X
O
e
g
a
t
l
o
V
r
e
v
o
s
s
o
r
C
t
u
p
t
u
O
0
5
20
5
5V
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
4
1z
H
M
t
)
o
(
k
s2
,
1
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
50
1
1s
p
t
)
c
c
(
t
ijr
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
s
e
i
c
n
e
u
q
e
r
F
t
n
e
r
e
f
f
i
D
@
s
t
u
p
t
u
O0
1
1s
p
s
e
i
c
n
e
u
q
e
r
F
e
m
a
S
@
s
t
u
p
t
u
O0
5s
p
t
)
Ø
(
t
ij
r
e
t
t
i
J
e
s
a
h
P
S
M
R
3
E
T
O
N
;
)
m
o
d
n
a
R
(
z
H
M
2
2
-
z
H
M
5
.
1
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I2
4
.
2s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
30
0
1
1s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
8
42
5%
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
.
s
t
n
i
o
p
s
s
o
r
c
l
a
i
t
n
e
r
e
f
f
i
d
t
u
p
t
u
o
e
h
t
t
a
d
e
r
u
s
a
e
M
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
2
E
T
O
N
.
n
o
i
t
c
e
s
s
i
h
t
g
n
i
w
o
ll
o
f
t
o
l
P
e
s
i
o
N
e
s
a
h
P
e
h
t
o
t
r
e
f
e
r
e
s
a
e
l
P
:
3
E
T
O
N


Similar Part No. - ICS9DB202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9DB202 IDT-ICS9DB202 Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
ICS9DB202CF IDT-ICS9DB202CF Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
ICS9DB202CFLF IDT-ICS9DB202CFLF Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
ICS9DB202CFLFT IDT-ICS9DB202CFLFT Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
ICS9DB202CFT IDT-ICS9DB202CFT Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
More results

Similar Description - ICS9DB202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8SLVD1204I IDT-IDT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
DT8SLVD1204I IDT-DT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
8SLVD1204-33 IDT-8SLVD1204-33 Datasheet
377Kb / 18P
   Two selectable differential clock input pairs
IDT8T39S10I IDT-IDT8T39S10I Datasheet
892Kb / 43P
   Two differential reference clock input pairs
ICS853S310I IDT-ICS853S310I Datasheet
844Kb / 17P
   Two selectable differential input pairs
853S111B IDT-853S111B Datasheet
342Kb / 25P
   Two selectable differential input pairs
logo
Renesas Technology Corp
ICS841402I RENESAS-ICS841402I Datasheet
915Kb / 28P
   FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
logo
Integrated Device Techn...
871002AGI-02LF IDT-871002AGI-02LF Datasheet
795Kb / 16P
   Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
logo
Renesas Technology Corp
ICS841484I RENESAS-ICS841484I Datasheet
1,022Kb / 28P
   FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
85108 RENESAS-85108 Datasheet
724Kb / 17P
   Low Skew, 1-to-8, Differential-to-0.7V HCSL Clock Distribution Chip
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com