Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK5811 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK5811
Description  Low EMI Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK5811 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK5811 Datasheet HTML 1Page - Integrated Circuit Systems MK5811 Datasheet HTML 2Page - Integrated Circuit Systems MK5811 Datasheet HTML 3Page - Integrated Circuit Systems MK5811 Datasheet HTML 4Page - Integrated Circuit Systems MK5811 Datasheet HTML 5Page - Integrated Circuit Systems MK5811 Datasheet HTML 6Page - Integrated Circuit Systems MK5811 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Low EMI Clock Generator
MDS 5811A A
2
Revision 091205
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
MK5811A
Pin Assignment
Spread Direction and Spread
Percentage
0 = connect to GND
M = unconnected (floating)
1 = connect directly to VDD
Frequency Selection
0 = connect to GND
M = unconnected (floating)
1 = connect directly to VDD
Note 1: The information in this datasheet does not
apply to the MK5812 and MK5814 as each have
independent datasheets available at www.icst.com.
X1/ICLK
GND
S1
VDD
S0
FRSEL
SSCLK
X2
1
2
3
4
8
7
6
5
8-pin (150 mil) SOIC
S1
Pin 3
S0
Pin 4
Spread
Direction
Spread
Percentage
0
0
Center
±1.4
0
M
Center
±1.1
0
1
Center
±0.6
M
0
Center
±0.5
M
MNo Spread
-
M
1
Down
-1.6
1
0Down
-2.0
1
MDown
-0.7
1
1Down
-3.0
Product
FRSEL
(pin 6)
Input
Freq. Range
Multiplier
Output
Freq. Range
MK5811
0
4.0 to 8.0 MHz
X1
4.0 to 8.0 MHz
1
8.0 to 16.0MHz
X1
8.0 to 16.0MHz
M
16.0 to 32.0MHz
X1
16.0 to 32.0MHz
MK58121
0
4.0 to 8.0 MHz
X2
8.0 to 16.0MHz
1
8.0 to 16.0MHz
X2
16.0 to 32.0MHz
M
16.0 to 32.0MHz
X2
32.0 to 64.0MHz
MK58141
0
4.0 to 8.0 MHz
X4
16.0 to 32.0MHz
1
8.0 to 16.0MHz
X4
32.0 to 64.0MHz
M
16.0 to 32.0MHz
X4
64.0 to 128MHz


Similar Part No. - MK5811

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
MK5811A RENESAS-MK5811A Datasheet
267Kb / 8P
   LOW EMI CLOCK GENERATOR
071014
MK5811ASLF RENESAS-MK5811ASLF Datasheet
267Kb / 8P
   LOW EMI CLOCK GENERATOR
071014
MK5811ASLFTR RENESAS-MK5811ASLFTR Datasheet
267Kb / 8P
   LOW EMI CLOCK GENERATOR
071014
MK5811C RENESAS-MK5811C Datasheet
384Kb / 11P
   LOW EMI CLOCK GENERATOR
121409
More results

Similar Description - MK5811

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
   Low EMI Clock Generator
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
   LOW EMI CLOCK GENERATOR
031109
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
   Low EMI Clock Generator
ICS18003 ICST-ICS18003 Datasheet
99Kb / 6P
   Low EMI Clock Generator
ICS18101 ICST-ICS18101 Datasheet
103Kb / 7P
   Low EMI Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com