Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1-5045-7 Datasheet(PDF) 6 Page - Harris Corporation

Part # HI1-5045-7
Description  15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HI1-5045-7 Datasheet(HTML) 6 Page - Harris Corporation

Back Button HI1-5045-7 Datasheet HTML 2Page - Harris Corporation HI1-5045-7 Datasheet HTML 3Page - Harris Corporation HI1-5045-7 Datasheet HTML 4Page - Harris Corporation HI1-5045-7 Datasheet HTML 5Page - Harris Corporation HI1-5045-7 Datasheet HTML 6Page - Harris Corporation HI1-5045-7 Datasheet HTML 7Page - Harris Corporation HI1-5045-7 Datasheet HTML 8Page - Harris Corporation HI1-5045-7 Datasheet HTML 9Page - Harris Corporation HI1-5045-7 Datasheet HTML 10Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
9-115
Specifications HI-5040 Series
ID(ON), On Leakage Current
+25oC
-
0.01
2
-
0.01
2
nA
Full
-
2
200
-
2
200
nA
POWER REQUIREMENTS
PD, Quiescent Power Dissipation
+25oC
-
1.5
-
-
1.5
-
mW
I+, I-, IL, IR
+25oC
-
-
0.2
-
-
0.3
mA
I+, +15V Quiescent Current
(Note 4)
Full
-
-
0.3
-
-
0.5
mA
I-, -15V Quiescent Current
(Note 4)
Full
-
-
0.3
-
-
0.5
mA
IL, +5V Quiescent Current
(Note 4)
Full
-
-
0.3
-
-
0.5
mA
IR, Ground Quiescent Current
(Note 4)
Full
-
-
0.3
-
-
0.5
mA
NOTES:
1. VOUT = ±10V, IOUT = 1mA
A). For HI-5040 thru HI-5047
B). For HI-5048 thru HI-5051, HI-5046A/5047A.
2. VIN = 0V, CL = 10,000pF.
3. RL = 100Ω, f = 100kHz, VIN = 2.0VP-P, CL = 5pF.
4. VAL = 0V, VAH = 5V.
Switching Waveforms
Top: TTL Input (1V/Div.)
VAH = 5V, VAL = 0V
Bottom: Output (2V/Div.)
Horizontal: 200ns/Div.
FIGURE 1.
Top: CMOS Input (5V/Div.)
VAH = 10V, VAL = 0V
Bottom: Output (5V/Div.)
Horizontal: 200ns/Div.
FIGURE 2.
Electrical Specifications
Supplies = +15V, -15V; VR = 0V; VAH (Logic Level High) = 2.4V, VAL (Logic Level Low) = +0.8V, VL = +5V,
Unless Otherwise Specified. For Test Conditions, Consult Performance Characteristics, Unused Pins
are Grounded. (Continued)
PARAMETER
TEST
CONDITIONS
TEMP
-55oC To +125oC0oC To +75oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT
OUTPUT
INPUT
OUTPUT


Similar Part No. - HI1-5045-7

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
HI1-5041-8 ROCHESTER-HI1-5041-8 Datasheet
642Kb / 1P
   DUAL SPST ANALOG SWITCH with CMOS and TTL versatility made from original Intersil wafers
logo
Intersil Corporation
HI1-5042-2 INTERSIL-HI1-5042-2 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
HI1-5042-2 INTERSIL-HI1-5042-2 Datasheet
490Kb / 12P
   CMOS Analog Switches
HI1-5042-2 INTERSIL-HI1-5042-2 Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
HI1-5043-2 INTERSIL-HI1-5043-2 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
More results

Similar Description - HI1-5045-7

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5041B15 ROHM-BP5041B15 Datasheet
285Kb / 3P
   AC220V input, 15V/80mA output
logo
List of Unclassifed Man...
CD4066BCN ETC2-CD4066BCN Datasheet
115Kb / 9P
   Wide supply voltage range 3V to 15V
logo
Rohm
BP5041A15 ROHM-BP5041A15 Datasheet
38Kb / 3P
   AC/DC converter AC220V input, 15V/80mA output
BP5034D15 ROHM-BP5034D15 Datasheet
37Kb / 3P
   AC/DC converter AC100V input, 15V/80mA output
logo
FCI connector
RM16M-23T FCI-CONNECTOR-RM16M-23T Datasheet
2Mb / 101P
   wide range in current capability
logo
Richtek Technology Corp...
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
   Adjustable Output Voltage Range : 0.92V to 15V
logo
Rochester Electronics
MM54C89 ROCHESTER-MM54C89 Datasheet
605Kb / 6P
   Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
   15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
   15V, 1A Rectifier
FC810 SANYO-FC810 Datasheet
50Kb / 2P
   15V, 700mA Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com