Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5HP01C Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 5HP01C
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

5HP01C Datasheet(HTML) 3 Page - Sanyo Semicon Device

  5HP01C Datasheet HTML 1Page - Sanyo Semicon Device 5HP01C Datasheet HTML 2Page - Sanyo Semicon Device 5HP01C Datasheet HTML 3Page - Sanyo Semicon Device 5HP01C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5HP01C
No.6641-3/4
0
0
0.2
--1
--2
0.4
--3
--4
0.6
--5
--6
--7
0.8
--8
1.0
--9
1.2
--10
1.4
1.6
VGS -- Qg
VDS= --10V
ID= --0.07A
0
0.1
1.0
--15
--5
10
7
5
3
2
7
5
3
2
7
5
3
2
--20
--10
--30
--25
100
--40
--35
--50
--45
Ciss, Coss, Crss -- VDS
f=1MHz
IT00113
IT00112
Ciss
Coss
Crss
--0.01
10
1.0
--0.1
23
5
7
1000
100
7
5
3
2
7
5
3
2
7
5
3
2
SW Time -- ID
IT00111
td(on)
tr
VDD= --25V
VGS= --10V
tf
td(off)
IF -- VSD
yfs -- ID
IT00109
IT00110
--60
0
15
10
5
20
25
30
35
40
--40
--20
0
20
40
60
80
100
120
140
160
RDS(on) -- Ta
I D
= -
-20mA,
V GS
= -
-4V
I D
= --40mA,
V GS
= --10V
RDS(on) -- ID
IT00107
IT00108
PD -- Ta
Drain Current, ID -- A
Ambient Temperature, Ta --
°C
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
Ambient Temperature, Ta --
°C
IT02382
0
0.30
0.15
0.20
0.10
0.05
0.25
0
40
120
160
80
20
100
140
60
--0.5
--0.01
--0.8
--0.9
--1.1
--1.0
--1.2
--0.6
--0.7
--0.1
3
2
7
5
3
2
VGS = 0
--0.01
0.01
--0.1
23
5
7
2
3
0.1
1.0
7
5
3
2
7
5
3
2
VDS= --10V
Ta= -
-25°C
25
°C
75°C
--0.01
10
2
3
5
7
2
3
5
7
--0.1
23
5
7
2
1000
100
3
VGS= --4V
--25
°C
Ta=75
°C
25
°C


Similar Part No. - 5HP01C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
5HP01C VBSEMI-5HP01C Datasheet
980Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - 5HP01C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com