Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50022QCC Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # ZL50022QCC
Description  Enhanced 4 K Digital Switch with Stratum 4E DPLL
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50022QCC Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL50022QCC Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50022QCC Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50022QCC Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50022QCC Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50022QCC Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50022QCC Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50022QCC Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50022QCC Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50022QCC Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 121 page
background image
ZL50022
Data Sheet
List of Tables
9
Zarlink Semiconductor Inc.
Table 49 - BER Receiver Length Register [n] (BRLR[n]) Bits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
Table 50 - BER Receiver Control Register [n] (BRCR[n]) Bits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
Table 51 - BER Receiver Error Register [n] (BRER[n]) Bits - Read Only. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
Table 52 - Address Map for Memory Locations (A13 = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
Table 53 - Connection Memory Low (CM_L) Bit Assignment when CMM = 0 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 87
Table 54 - Connection Memory Low (CM_L) Bit Assignment when CMM = 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
Table 55 - Connection Memory High (CM_H) Bit Assignment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89


Similar Part No. - ZL50022QCC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50022QCC ZARLINK-ZL50022QCC Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
More results

Similar Description - ZL50022QCC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50022 ZARLINK-ZL50022_06 Datasheet
929Kb / 121P
   Enhanced 4 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019_06 Datasheet
920Kb / 121P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50019 ZARLINK-ZL50019 Datasheet
866Kb / 115P
   Enhanced 2 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015_06 Datasheet
916Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50015 ZARLINK-ZL50015 Datasheet
926Kb / 122P
   Enhanced 1 K Digital Switch with Stratum 4E DPLL
ZL50021_0611 ZARLINK-ZL50021_0611 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50021 ZARLINK-ZL50021 Datasheet
1,011Kb / 136P
   Enhanced 4 K Digital Switch with Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50018 ZARLINK-ZL50018_06 Datasheet
1Mb / 136P
   2 K Digital Switch with Enhanced Stratum 3 DPLL
ZL50023 ZARLINK-ZL50023 Datasheet
1Mb / 80P
   Enhanced 4 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com