Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM100GP60 Datasheet(PDF) 3 Page - eupec GmbH

Part # BSM100GP60
Description  Hochstzulassige Werte / Maximum rated values
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

BSM100GP60 Datasheet(HTML) 3 Page - eupec GmbH

  BSM100GP60 Datasheet HTML 1Page - eupec GmbH BSM100GP60 Datasheet HTML 2Page - eupec GmbH BSM100GP60 Datasheet HTML 3Page - eupec GmbH BSM100GP60 Datasheet HTML 4Page - eupec GmbH BSM100GP60 Datasheet HTML 5Page - eupec GmbH BSM100GP60 Datasheet HTML 6Page - eupec GmbH BSM100GP60 Datasheet HTML 7Page - eupec GmbH BSM100GP60 Datasheet HTML 8Page - eupec GmbH BSM100GP60 Datasheet HTML 9Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
BSM100GP60
Elektrische Eigenschaften / Electrical properties
Charakteristische Werte / Characteristic values
min.
typ.
max.
Modulinduktivität
stray inductance module
LσCE
-
-
100
nH
Modul Leitungswiderstand, Anschlüsse-Chip
lead resistance, terminals-chip
TC = 25°C
RCC'+EE'
-
7
-
m
Diode Wechselrichter/ Diode Inverter
min.
typ.
max.
Durchlaßspannung
VGE = 0V, Tvj = 25°C,
IF =
100 A
VF
-
1,25
1,7
V
forward voltage
VGE = 0V, Tvj = 125°C,
IF =
100 A
-
1,2
-
V
Rückstromspitze
IF=INenn,
- diF/dt =
2200A/µs
peak reverse recovery current
VGE = -10V, Tvj = 25°C, VR =
300 V
IRM
-
68
-
A
VGE = -10V, Tvj = 125°C, VR =
300 V
-
90
-
A
Sperrverzögerungsladung
IF=INenn,
- diF/dt =
2200A/µs
recovered charge
VGE = -10V, Tvj = 25°C, VR =
300 V
Qr
-
6,2
-
µAs
VGE = -10V, Tvj = 125°C, VR =
300 V
-
10,5
-
µAs
Abschaltenergie pro Puls
IF=INenn,
- diF/dt =
2200A/µs
reverse recovery energy
VGE = -10V, Tvj = 25°C, VR =
300 V
ERQ
-
1,3
-
mWs
VGE = -10V, Tvj = 125°C, VR =
300 V
-
2,2
-
mWs
Transistor Brems-Chopper/ Transistor Brake-Chopper
min.
typ.
max.
Kollektor-Emitter Sättigungsspannung
VGE = 15V, Tvj = 25°C,
IC =
50,0 A
VCE sat
-
1,95
2,55
V
collector-emitter saturation voltage
VGE = 15V, Tvj = 125°C,
IC =
50,0 A
-
2,2
-
V
Gate-Schwellenspannung
gate threshold voltage
VCE = VGE,
Tvj = 25°C,
IC =
1 mA
VGE(TO)
4,5
5,5
6,5
V
Eingangskapazität
input capacitance
f = 1MHz, Tvj = 25°C
VCE = 25 V, VGE = 0 V
Cies
-
2,8
-
nF
Kollektor-Emitter Reststrom
VGE = 0V, Tvj = 25°C, VCE =
600 V
ICES
-
1,5
500
µA
collector-emitter cut-off current
VGE = 0V, Tvj = 125°C, VCE =
600 V
-
2,0
-
mA
Gate-Emitter Reststrom
gate-emitter leakage current
VCE = 0V, VGE = 20V, Tvj = 25°C
IGES
-
-
300
nA
Diode Brems-Chopper/ Diode Brake-Chopper
min.
typ.
max.
Durchlaßspannung
Tvj = 25°C,
IF =
50,0 A
VF
-
1,45
1,8
V
forward voltage
Tvj = 125°C,
IF =
50,0 A
-
1,4
-
V
NTC-Widerstand/ NTC-Thermistor
min.
typ.
max.
Nennwiderstand
rated resistance
TC = 25°C
R25
-
5
-
k
Abweichung von R100
deviation of R100
TC = 100°C, R100 = 493 Ω
∆R/R
-5
5
%
Verlustleistung
power dissipation
TC = 25°C
P25
20
mW
B-Wert
B-value
R2 = R1 exp [B(1/T2 - 1/T1)]
B25/50
3375
K
3(11)
DB-PIM-10.xls


Similar Part No. - BSM100GP60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSM100GAL120DLCK INFINEON-BSM100GAL120DLCK Datasheet
271Kb / 10P
   IGBT-modules
2008-08-07 revision:3.2
logo
Siemens Semiconductor G...
BSM100GAL120DN2 SIEMENS-BSM100GAL120DN2 Datasheet
81Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
logo
eupec GmbH
BSM100GB120DLC EUPEC-BSM100GB120DLC Datasheet
86Kb / 8P
   IGBT-Modules
BSM100GB120DLCK EUPEC-BSM100GB120DLCK Datasheet
87Kb / 8P
   IGBT-Modules
logo
Siemens Semiconductor G...
BSM100GB120DN2 SIEMENS-BSM100GB120DN2 Datasheet
132Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
More results

Similar Description - BSM100GP60

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R33KL2 EUPEC-FZ1200R33KL2 Datasheet
164Kb / 9P
   Hochstzulassige Werte / Maximum rated values
FZ1600R17KF6B2 EUPEC-FZ1600R17KF6B2 Datasheet
90Kb / 8P
   Hochstzulassige Werte / Maximum rated values
BSM50GP60 EUPEC-BSM50GP60 Datasheet
135Kb / 12P
   Hochstzulassige Werte / Maximum rated values
DF200R12KE3 EUPEC-DF200R12KE3 Datasheet
163Kb / 10P
   Hochstzulassige Werte / maximum rated values
FZ1800R12KL4C EUPEC-FZ1800R12KL4C Datasheet
100Kb / 8P
   Hochstzulassige Werte / Maximum rated values
FZ1200R12KE3 EUPEC-FZ1200R12KE3 Datasheet
205Kb / 9P
   Hochstzulassige Werte / maximum rated values
FZ1200R17KF6B2 EUPEC-FZ1200R17KF6B2 Datasheet
90Kb / 8P
   Hochstzulassige Werte / Maximum rated values
FZ1200R17KF6CB2 EUPEC-FZ1200R17KF6CB2 Datasheet
174Kb / 9P
   Hochstzulassige Werte / Maximum rated values
FZ1200R33KF2-B5 EUPEC-FZ1200R33KF2-B5 Datasheet
186Kb / 9P
   Hochstzulassige Werte / Maximum rated values
BSM75GB120DLC EUPEC-BSM75GB120DLC Datasheet
77Kb / 8P
   Hchstzulssige Werte Maximum rated values
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com