Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320VC33GNLM150 Datasheet(PDF) 8 Page - Texas Instruments

Part # SM320VC33GNLM150
Description  DIGITAL SIGNAL PROCESSOR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320VC33GNLM150 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SM320VC33GNLM150 Datasheet HTML 4Page - Texas Instruments SM320VC33GNLM150 Datasheet HTML 5Page - Texas Instruments SM320VC33GNLM150 Datasheet HTML 6Page - Texas Instruments SM320VC33GNLM150 Datasheet HTML 7Page - Texas Instruments SM320VC33GNLM150 Datasheet HTML 8Page - Texas Instruments SM320VC33GNLM150 Datasheet HTML 9Page - Texas Instruments SM320VC33GNLM150 Datasheet HTML 10Page - Texas Instruments SM320VC33GNLM150 Datasheet HTML 11Page - Texas Instruments SM320VC33GNLM150 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
SM320VC33, SMJ320VC33
DIGITAL SIGNAL PROCESSOR
SGUS034E - FEBRUARY 2001 - REVISED OCTOBER 2002
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
functional block diagram
24
Boot
Loader
Cache
(64
× 32)
RAM
Block 0
(1K
× 32)
RAM
Block 1
(1K
× 32)
RDY
HOLD
HOLDA
STRB
R/W
D31- D0
A23- A0
RESET
CPU1
REG1
REG2
MUX
40
32
32
32
32
32
32
32
24
24
24
24
BK
ARAU0
ARAU1
DISP0, IR0, IR1
Extended-
Precision
Registers
(R7-R0)
Auxiliary
Registers
(AR0- AR7)
Other
Registers
(12)
40
40
40
40
Multiplier
32-Bit
Barrel
Shifter
ALU
DMA Controller
Global-Control
Register
Source-Address
Register
Destination-
Address
Register
Serial Port 0
Serial-Port-Control
Register
Receive/Transmit
(R/X) Timer Register
Data-Transmit
Register
Data-Receive
Register
FSX0
DX0
CLKX0
FSR0
DR0
CLKR0
Timer 0
Global-Control
Register
Timer-Period
Register
Timer-Counter
Register
TCLK0
Timer 1
Global-Control
Register
Timer-Period
Register
Timer-Counter
Register
TCLK1
Port Control
STRB-Control
Register
Transfer-
Counter
Register
PDATA Bus
PADDR Bus
DDATA Bus
DADDR1 Bus
DADDR2 Bus
DMADATA Bus
DMAADDR Bus
24
40
32
32
24
24
32
INT(3- 0)
IACK
MCBL/MP
XF(1,0)
32
24
24
24
24
32
32
32
CPU2
32
32
40
40
RAM
Block 2
(16K
× 32)
24
32
RAM
Block 3
(16K
× 32)
24
32
XOUT
XIN
H1
H3
PAGE0
PAGE1
PAGE2
PAGE3
Peripheral Data Bus
TDI
TDO
TCK
EMU0
EMU1
TMS
TRST
EDGEMODE
IR
PC
RSV(0,1)
SHZ
CLKMD(0,1)
EXTCLK


Similar Part No. - SM320VC33GNLM150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320VC33GNMM150 TI1-SM320VC33GNMM150 Datasheet
751Kb / 53P
[Old version datasheet]   Digital Signal Processor
SM320VC33GNMM150EP TI1-SM320VC33GNMM150EP Datasheet
997Kb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320VC33GNLM150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com