Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962H9689103QYA Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # 5962H9689103QYA
Description  Radiation-Hardened 32K x 8 PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962H9689103QYA Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button 5962H9689103QYA Datasheet HTML 3Page - Aeroflex Circuit Technology 5962H9689103QYA Datasheet HTML 4Page - Aeroflex Circuit Technology 5962H9689103QYA Datasheet HTML 5Page - Aeroflex Circuit Technology 5962H9689103QYA Datasheet HTML 6Page - Aeroflex Circuit Technology 5962H9689103QYA Datasheet HTML 7Page - Aeroflex Circuit Technology 5962H9689103QYA Datasheet HTML 8Page - Aeroflex Circuit Technology 5962H9689103QYA Datasheet HTML 9Page - Aeroflex Circuit Technology 5962H9689103QYA Datasheet HTML 10Page - Aeroflex Circuit Technology 5962H9689103QYA Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
ORDERING INFORMATION
256K PROM: SMD
Lead Finish:
(A)
=
Solder
(C) =
Gold
(X)
=
Optional
Case Outline:
(Y)
=
28-pin DIP (contact factory)
(X)
=
28-lead Flatpack
Class Designator:
(Q)
=
Class Q
(V)
=
Class V
Device Type
(03) = 45ns Access Time, TTL inputs, CMOS/TTL compatible outputs
(04) = 40ns Access Time, TTL inputs, CMOS/TTL compatible outputs
Drawing Number: 96891
Total Dose:
(F)
=
3E5 rads(Si)
(G)
=
5E5 rads(Si)
(H)
=
1E6 rads(Si)
(R) =
1E5 rads(Si)
Federal Stock Class Designator: No options
5962
* 96891 *
*
*
*
Notes:
1. Lead finish (A, C, or X) must be specified.
2. If an “X” is specified when ordering, part marking will match the lead finish and will be either “A” (solder) or “C” (gold).
3. Total dose radiation must be specified when ordering. QML Q and QML V not available without radiation hardening.
4. Check factory for availability of 45ns part.
5. Lead finish: Factory programming either solder or gold. Field programming gold only.


Similar Part No. - 5962H9689103QYA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962H9563801QQA AEROFLEX-5962H9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962H9563801QQC AEROFLEX-5962H9563801QQC Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962H9563801QQX AEROFLEX-5962H9563801QQX Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
5962H9563801QQYA ETC2-5962H9563801QQYA Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962H9563801QQYC ETC2-5962H9563801QQYC Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results

Similar Description - 5962H9689103QYA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Cypress Semiconductor
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
Intersil Corporation
HS-6664RH INTERSIL-HS-6664RH Datasheet
258Kb / 5P
   Radiation Hardened 8kx8 CMOS PROM
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
   32K (4K X 8) UV ERASABLE PROM
M27256 INTEL-M27256 Datasheet
554Kb / 9P
   256K(32K x 8) UV ERASABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
   32k-Bit (4k x 8) UV Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com