Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL5497N-2 Datasheet(PDF) 1 Page - OKI electronic componets

Part # OL5497N-2
Description  1.55 關m 2 mW Coaxial Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL5497N-2 Datasheet(HTML) 1 Page - OKI electronic componets

  OL5497N-2 Datasheet HTML 1Page - OKI electronic componets OL5497N-2 Datasheet HTML 2Page - OKI electronic componets OL5497N-2 Datasheet HTML 3Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
LASER DIODES
OL592N-2, OL597N-2, OL5492N-2, OL5497N-2
¡ electronic components
OL592N-2, OL597N-2,
OL5492N-2, OL5497N-2
1.55
mm 2 mW Coaxial Module
GENERAL DESCRIPTION
The OL592N-2, OL597N-2, OL5492N-2, and OL5497N-2 are 1.55mm, MQW InGaAsP/InP laser-
diode modules with a 2mW output, pigtailed with single mode fibers. These modules are
optimal light sources for high-capacity long-haul optical transmission systems.
FEATURES
• Single-mode fiber output: Pf=2 mW
• Includes monitor photodiode for power control
• Wide operating temperature range
• Multi-quantum-well (MQW) structure
APPLICATIONS
• Optical transmission systems
• Subscriber loops
• Optical measuring equipment
E2V0032-37-X1


Similar Part No. - OL5497N-2

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL5497N-3 OKI-OL5497N-3 Datasheet
44Kb / 3P
   1.55 關m 3 mW Coaxial Module
More results

Similar Description - OL5497N-2

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL592N-3 OKI-OL592N-3 Datasheet
44Kb / 3P
   1.55 關m 3 mW Coaxial Module
OL592N OKI-OL592N Datasheet
45Kb / 4P
   1.55 關m Laser-Diode Coaxial Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
   1.55 關m Coaxial DFB Laser Module
OL595N-20 OKI-OL595N-20 Datasheet
42Kb / 2P
   1.55 關m High-Power Laser-Diode Coaxial Module
OL5200N OKI-OL5200N Datasheet
44Kb / 3P
   1.55 關m Laser-Diode DIP Module
OL5200N-5 OKI-OL5200N-5 Datasheet
44Kb / 3P
   1.55 關m Laser Diode DIP Module
OE5202G OKI-OE5202G Datasheet
43Kb / 3P
   1.55 關m Edge-Emitting LED DIP Module
OL5201N-25 OKI-OL5201N-25 Datasheet
49Kb / 4P
   1.55 關m High-Power Laser-Diode DIP Module
logo
Optoway Technology Inc
PD-5100 OPTOWAY-PD-5100 Datasheet
85Kb / 2P
   1.55 關m WDM PIN PHOTODIODES
logo
Mitsubishi Electric Sem...
FU-68SDF-X8YYMZZF MITSUBISHI-FU-68SDF-X8YYMZZF Datasheet
149Kb / 6P
   1.55 關m DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com