Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL597N Datasheet(PDF) 3 Page - OKI electronic componets

Part # OL597N
Description  1.55 關m Laser-Diode Coaxial Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL597N Datasheet(HTML) 3 Page - OKI electronic componets

  OL597N Datasheet HTML 1Page - OKI electronic componets OL597N Datasheet HTML 2Page - OKI electronic componets OL597N Datasheet HTML 3Page - OKI electronic componets OL597N Datasheet HTML 4Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
LASER DIODES
OL592N, OL597N, OL5492N, OL5497N
ABSOLUTE MAXIMUM RATINGS
OPTICAL AND ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min.
Unit
Threshold Current
Center Wavelength
Ith
lc
—mA
1520
nm
(Ta=25°C)
Typ.
20
1550
Max.
40
1580
Test Conditions
Pf=1 mW
Spectral Width
s
—nm
—5
Pf=1 mW, RMS
Rise Time
tr
—ns
0.5
Ibias=Ith
Fall Time
tf
—ns
0.8
Pf=1 mW
Forward Voltage
VF
—V
1.5
Pf=1 mW
PD Dark Current
IDARK
mA
0.2
VR(PD)=5 V
Monitor Current
Im
50
mA
——
Pf=1 mW
Fiber Output Power
Pf
1.0
mW
——
IF=Ith+30 mA
Parameter
Symbol
Ratings
Unit
Fiber Output
LD Reverse Voltage
Operating Temperature
Storage Temperature
Pf
VR (LD)
Topr
Tstg
2mW
2V
–20 to +65
°C
–40 to +85
°C
PD Reverse Voltage
VR (PD)
20
V
PD Forward Current
IF (PD)
10
mA
Test Conditions
Ta=25°C
TYPICAL CHARACTERISTICS
Fiber Output Power vs. Forward Current
Forward Current IF (mA)
0
0
20
40
60
80
100
2
0
0.4
0.8
1.2
1.6
2
Monitor Current Im (mA)
1.6
1.2
0.8
0.4
(Pf–IF)
(Pf–Im)


Similar Part No. - OL597N

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL597N-2 OKI-OL597N-2 Datasheet
42Kb / 3P
   1.55 關m 2 mW Coaxial Module
OL597N-3 OKI-OL597N-3 Datasheet
44Kb / 3P
   1.55 關m 3 mW Coaxial Module
More results

Similar Description - OL597N

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL595N-20 OKI-OL595N-20 Datasheet
42Kb / 2P
   1.55 關m High-Power Laser-Diode Coaxial Module
OL592L OKI-OL592L Datasheet
46Kb / 4P
   1.55 關m Coaxial DFB Laser Module
OL5200N OKI-OL5200N Datasheet
44Kb / 3P
   1.55 關m Laser-Diode DIP Module
OL5200N-5 OKI-OL5200N-5 Datasheet
44Kb / 3P
   1.55 關m Laser Diode DIP Module
OL5201N-25 OKI-OL5201N-25 Datasheet
49Kb / 4P
   1.55 關m High-Power Laser-Diode DIP Module
OL592N-2 OKI-OL592N-2 Datasheet
42Kb / 3P
   1.55 關m 2 mW Coaxial Module
OL592N-3 OKI-OL592N-3 Datasheet
44Kb / 3P
   1.55 關m 3 mW Coaxial Module
OL395N-20 OKI-OL395N-20 Datasheet
44Kb / 3P
   1.3 關m High-Power Laser-Diode Coaxial Module
OL5492N-03 OKI-OL5492N-03 Datasheet
41Kb / 2P
   1.55 mm Low-Power Laser Coaxial Module
OL392L OKI-OL392L Datasheet
46Kb / 4P
   1.3 關m Coaxial DFB Laser Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com