Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL6201N-5-A10 Datasheet(PDF) 4 Page - OKI electronic componets

Part # OL6201N-5-A10
Description  Service Channel FP Laser Module (1625 nm, 5 mW)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OL6201N-5-A10 Datasheet(HTML) 4 Page - OKI electronic componets

  OL6201N-5-A10 Datasheet HTML 1Page - OKI electronic componets OL6201N-5-A10 Datasheet HTML 2Page - OKI electronic componets OL6201N-5-A10 Datasheet HTML 3Page - OKI electronic componets OL6201N-5-A10 Datasheet HTML 4Page - OKI electronic componets OL6201N-5-A10 Datasheet HTML 5Page - OKI electronic componets OL6201N-5-A10 Datasheet HTML 6Page - OKI electronic componets OL6201N-5-A10 Datasheet HTML 7Page - OKI electronic componets OL6201N-5-A10 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
s OL6201N-5-A10 Laser Module s ––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
2
Oki Semiconductor
ELECTRICAL CHARACTERISTICS
Exceeding these maximum ratings could cause immediate damage or lead to permanent deterioration of the device.
Absolute Maximum Ratings (ambient temperature Ta=25°C unless otherwise noted)
Parameter
Symbol
Ratings
Units
Fiber Output Power
Pf
7
mW
Laser diode reverse voltage
VRLD
2
V
Laser diode forward current
IFLD
200
mA
Photo diode reverse voltage
VRPD
20
V
Photo diode forward current
IFPD
10
mA
Thermoelectric cooler voltage
VTEC
3.0
V
Thermoelectric cooler current
ITEC
1.5
A
Operating Temperature
Topr
-20 to +65
°C
Storage Temperature
Tstg
-40 to +85
°C
Optical and Electrical Characteristics (Ta=25°C)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Fiber output power
Pf
IF(LD)=150 mA
5
-
-
mW
Threshold current
Ith
-
-
60
mA
Laser diode operating current
IF(LD)
-
150
180
mA
Laser diode operating voltage
VF(LD)
-
-
2.5
V
Center wavelength
λc
Pf= 5 mW, CW
1610
-
1635
nm
RMS Spectral width
σ
Pf=5 mW, CW, RMS
-
-
5
nm
Rise time
τ
R
IBIAS=Ith
Pf=5 mW, 10-90%
-1
ns
Fall time
τ
F
-1
ns
PD capacitance
CT
-15-
pF
Thermoelectric cooler capacity
T
Pf=5 mW
40
-
-
˚C
Thermoelectric cooler current
ITEC
T=40˚C, Pf=5 mW
-
-
1.0
A
Thermoelectric cooler voltage
VTEC
T=40˚C, Pf=5 mW
-
-
2.0
V
Thermistor resistance
Rth
-
9.5
-
10.5
k
Fiber Pigtail Specifications
Parameter
Specifications
Units
Type
SM
---
Mode field diameter
9 +/- 1
µm
Cladding diameter
125 +/- 2
µm
Jacket diameter
900
µm
Length
1 (minimum)
m
Connector
FC/PC
-


Similar Part No. - OL6201N-5-A10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL6201N-A10 OKI-OL6201N-A10 Datasheet
59Kb / 8P
   MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm, 1 mW)
More results

Similar Description - OL6201N-5-A10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
OL4201N OKI-OL4201N Datasheet
61Kb / 8P
   Service Channel FP Laser Module (1480 nm, 1 mW)
OL5207L-5-A10 OKI-OL5207L-5-A10 Datasheet
63Kb / 8P
   Service Channel DFB Laser Module (1510 nm, 5 mW)
logo
Optoway Technology Inc
DL-5300S-1625 OPTOWAY-DL-5300S-1625 Datasheet
91Kb / 2P
   1625 nm DFB LASER DIODE MODULE 1625 nm DFB LASER DIODE MODULE
logo
OKI electronic componet...
OL6201N-A10 OKI-OL6201N-A10 Datasheet
59Kb / 8P
   MQW Laser Diode Cooled Dil Module (1625 nm /-10 nm, 1 mW)
OL6205N-1-A10 OKI-OL6205N-1-A10 Datasheet
58Kb / 8P
   MQW Laser Diode Uncooled Dil Module (1625 nm /-10 nm, 1 mW)
logo
California Eastern Labs
NX7661 CEL-NX7661 Datasheet
185Kb / 4P
   NECs 1625 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7661JB-BC CEL-NX7661JB-BC Datasheet
179Kb / 4P
   NECs 1625 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (120 mW MIN)
logo
Optoway Technology Inc
DL-5100-1625 OPTOWAY-DL-5100-1625_07 Datasheet
113Kb / 3P
   1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
DL-5100-1625 OPTOWAY-DL-5100-1625 Datasheet
106Kb / 2P
   1625 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
California Eastern Labs
NX7462LE-CC CEL-NX7462LE-CC Datasheet
197Kb / 5P
   1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (120 mW MIN)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com