Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI9P5051-5 Datasheet(PDF) 7 Page - Harris Corporation

Part # HI9P5051-5
Description  15V/-15V Wide Analog Signal Range, High Current Capability 80mA (Typical)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HI9P5051-5 Datasheet(HTML) 7 Page - Harris Corporation

Back Button HI9P5051-5 Datasheet HTML 3Page - Harris Corporation HI9P5051-5 Datasheet HTML 4Page - Harris Corporation HI9P5051-5 Datasheet HTML 5Page - Harris Corporation HI9P5051-5 Datasheet HTML 6Page - Harris Corporation HI9P5051-5 Datasheet HTML 7Page - Harris Corporation HI9P5051-5 Datasheet HTML 8Page - Harris Corporation HI9P5051-5 Datasheet HTML 9Page - Harris Corporation HI9P5051-5 Datasheet HTML 10Page - Harris Corporation HI9P5051-5 Datasheet HTML 11Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
9-116
HI-5040 Series
Typical Performance Curves and Test Circuits T
A = +25
oC, V+ = +15V, V- = -15V, V
L = +5V, VR = 0V, VAH =
3.0V and VAL = 0.8V, Unless Otherwise Specified
FIGURE 3. “ON” RESISTANCE vs ANALOG SIGNAL LEVEL, SUPPLY VOLTAGE AND TEMPERATURE
FIGURE 4. “ON” RESISTANCE vs ANALOG SIGNAL LEVEL
AND POWER SUPPLY VOLTAGE
FIGURE 5. NORMALIZED “ON” RESISTANCE vs TEMPERATURE
FIGURE 6. ON/OFF LEAKAGE CURRENT vs TEMPERATURE
IN
OUT
1mA
1/2
RON =
1mA
V2
±VIN
ANALOG SIGNAL LEVEL (V)
80
60
40
20
0
-15
-10
-5
0
+5
+10
+15
V+ = +10V
V- = -10V
V+ = +12V
V- = -12V
V+ = +15V
V- = -15V
TEMPERATURE (oC)
-50
-25
0
+75
+100
+125
+50
+25
0.6
1.2
1.1
1.0
0.9
0.8
0.7
VIN = 0V
IN
OUT
A
A
±10V
IN
OUT
A
±10V
ID(ON)
ID(OFF)
IS(OFF)
10V
ON LEAKAGE CURRENT vs TEMPERATURE
OFF LEAKAGE CURRENT vs TEMPERATURE
ID(ON)
TEMPERATURE (oC)
75
100
125
50
25
IS(OFF) = ID(OFF)
100nA
10nA
1nA
100pA
10pA


Similar Part No. - HI9P5051-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI9P5051-9 INTERSIL-HI9P5051-9 Datasheet
165Kb / 11P
   CMOS Analog Switches
April 2000
HI9P5051-9 INTERSIL-HI9P5051-9 Datasheet
490Kb / 12P
   CMOS Analog Switches
HI9P5051-9 INTERSIL-HI9P5051-9 Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
HI9P5051-9Z INTERSIL-HI9P5051-9Z Datasheet
490Kb / 12P
   CMOS Analog Switches
HI9P5051-9Z INTERSIL-HI9P5051-9Z Datasheet
494Kb / 12P
   CMOS Analog Switches
April 6, 2005
More results

Similar Description - HI9P5051-5

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5041B15 ROHM-BP5041B15 Datasheet
285Kb / 3P
   AC220V input, 15V/80mA output
logo
List of Unclassifed Man...
CD4066BCN ETC2-CD4066BCN Datasheet
115Kb / 9P
   Wide supply voltage range 3V to 15V
logo
Rohm
BP5041A15 ROHM-BP5041A15 Datasheet
38Kb / 3P
   AC/DC converter AC220V input, 15V/80mA output
BP5034D15 ROHM-BP5034D15 Datasheet
37Kb / 3P
   AC/DC converter AC100V input, 15V/80mA output
logo
FCI connector
RM16M-23T FCI-CONNECTOR-RM16M-23T Datasheet
2Mb / 101P
   wide range in current capability
logo
Richtek Technology Corp...
RT8269GSP RICHTEK-RT8269GSP Datasheet
198Kb / 12P
   Adjustable Output Voltage Range : 0.92V to 15V
logo
Rochester Electronics
MM54C89 ROCHESTER-MM54C89 Datasheet
605Kb / 6P
   Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
   15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
   15V, 1A Rectifier
FC810 SANYO-FC810 Datasheet
50Kb / 2P
   15V, 700mA Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com