Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA18C Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA18C
Description  Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA18C Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  P4SMA18C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA18C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA18C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA18C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
- 548 -
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Device
Device
Current
Voltage Reverse Leakage
Peak Pulse
Clamping
Temperature
Marking
@IT
VWM
at VWM
Current IPPM Voltage at IPPM Coefficient
Code
Min
Max
(mA)
(Volts)
ID (uA)
(Note 2)(Amps)
VC(Volts)
of VBR(% /
OC)
P4SMA100
CWJ
90.0
110.0
1.0
81.0
5.0
2.9
144.0
0.106
P4SMA100A
CXJ
95.0
105.0
1.0
85.5
5.0
3.0
137.0
0.106
P4SMA110
CYJ
99.0
121.0
1.0
89.2
5.0
2.6
158.0
0.107
P4SMA110A
CZJ
105.0
116.0
1.0
94.0
5.0
2.7
152.0
0.107
P4SMA120
RDJ
108.0
132.0
1.0
97.2
5.0
2.4
173.0
0.107
P4SMA120A
REJ
114.0
126.0
1.0
102.0
5.0
2.5
165.0
0.107
P4SMA130
RFJ
117.0
143.0
1.0
105.0
5.0
2.2
187.0
0.107
P4SMA130A
RGJ
124.0
137.0
1.0
111.0
5.0
2.3
179.0
0.107
P4SMA150
RHJ
135.0
165.0
1.0
121.0
5.0
1.9
215.0
0.108
P4SMA150A
RKJ
143.0
158.0
1.0
128.0
5.0
2.0
207.0
0.108
P4SMA160
RLJ
144.0
176.0
1.0
130.0
5.0
1.8
230.0
0.108
P4SMA160A
RMJ
152.0
168.0
1.0
136.0
5.0
1.9
219.0
0.108
P4SMA170
RNJ
153.0
187.0
1.0
138.0
5.0
1.7
244.0
0.108
P4SMA170A
RPJ
162.0
179.0
1.0
145.0
5.0
1.8
234.0
0.108
P4SMA180
RQJ
162.0
198.0
1.0
146.0
5.0
1.6
258.0
0.108
P4SMA180A
RRJ
171.0
189.0
1.0
154.0
5.0
1.7
246.0
0.108
P4SMA200
RSJ
180.0
220.0
1.0
162.0
5.0
1.4
287.0
0.108
P4SMA200A
RTJ
190.0
210.0
1.0
171.0
5.0
1.51
274.0
0.108
Notes:
1. VBR measured after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure 3 and derate per Figure 2.
3. For bipolar types having VWM of 10 volts and under, the ID limit is doubled.
4. For bidirectional use C or CA suffix for types P4SMA6.8 through P4SMA200A.
5. All terms and symbols are consistent with ANSI/IEEE C62.35.
VBR
(Volts) (Note 1)
Breakdown Voltage


Similar Part No. - P4SMA18C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
P4SMA18C WTE-P4SMA18C Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Pan Jit International I...
P4SMA18C PANJIT-P4SMA18C Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bruckewell Technology L...
P4SMA18C BWTECH-P4SMA18C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
P4SMA18CA RUILON-P4SMA18CA Datasheet
878Kb / 7P
   Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
P4SMA18CA LEIDITECH-P4SMA18CA Datasheet
1Mb / 7P
   Surface Mount ??400W
More results

Similar Description - P4SMA18C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com