Electronic Components Datasheet Search |
|
AAT3517IGV-4.80-C-B-T1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies |
|
AAT3517IGV-4.80-C-B-T1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies |
2 / 12 page AAT3510/1/2/3/4/5/6/7/8/9 Micropower µP Reset with Watchdog Timer 2 3510.2004.08.1.4 Pin Descriptions Pin Configuration (Top View) AAT3516 AAT3519 (Top View) AAT3510 AAT3511 (Top View) AAT3513 AAT3514 AAT3517 AAT3518 (Top View) AAT3512 AAT3515 5-lead SOT23 5-lead SOT23 5-lead SOT23 5-lead SOT23 GND V CC WDI MR RESET 1 2 3 4 5 GND V CC MR RESET RESET 1 2 3 4 5 GND V CC WDI MR RESET 1 2 3 4 5 GND V CC WDI RESET RESET 1 2 3 4 5 Pin # AAT3510 AAT3512 AAT3513 AAT3515 AAT3511 AAT3514 AAT3516 AAT3517 AAT3518 AAT3519 Symbol Function 1 N/A 1 1 RESET AAT3510/13/15: RESET output goes low whenever VDD falls below the reset threshold. CMOS push-pull Output AAT3511/14/16: RESET output goes low whenever VDD falls below the reset threshold. Bidirectional CMOS push- pull Output intended to interface directly to microproces- sors with bi-directional resets AAT3517/18/19: RESET output goes low whenever VDD falls below the reset threshold. Open drain output. Connect a pull-up resistor to any supply voltage up to 5.5V 2 2 2 2 GND Ground connection pin 1 3 3 RESET RESET active-high output. This CMOS push-pull signal is the logical inverse of RESET. 3 3 N/A 4 MR Manual reset input pin. Active low. Pull low to force a reset. 4 4 4 N/A WDI Watchdog input pin. Triggers a reset if it remains in a steady state for the duration of the watchdog timer period. 55 5 5 VCC Input voltage pin |
Similar Part No. - AAT3517IGV-4.80-C-B-T1 |
|
Similar Description - AAT3517IGV-4.80-C-B-T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |