Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJ27C040 Datasheet(PDF) 3 Page - Austin Semiconductor

Part # SMJ27C040
Description  UV Erasable Programmable Read-Only Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ27C040 Datasheet(HTML) 3 Page - Austin Semiconductor

  SMJ27C040 Datasheet HTML 1Page - Austin Semiconductor SMJ27C040 Datasheet HTML 2Page - Austin Semiconductor SMJ27C040 Datasheet HTML 3Page - Austin Semiconductor SMJ27C040 Datasheet HTML 4Page - Austin Semiconductor SMJ27C040 Datasheet HTML 5Page - Austin Semiconductor SMJ27C040 Datasheet HTML 6Page - Austin Semiconductor SMJ27C040 Datasheet HTML 7Page - Austin Semiconductor SMJ27C040 Datasheet HTML 8Page - Austin Semiconductor SMJ27C040 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UVEPROM
SMJ27C040
Austin Semiconductor, Inc.
SMJ27C040
Rev. 1.0 9/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
READ/OUTPUT DISABLE
When the outputs of two or more SMJ27C040s are connected
in parallel on the same bus, the output of any particular device
in the circuit can be read with no interference from
competing outputs of the other devices. To read the output of
a single device, a low level signal is applied to the E\ and G\
pins. All other devices in the circuit should have their outputs
disabled by applying a high level signal to one of these pins.
Output data is accessed at pins Q0-Q7.
LATCHUP IMMUNITY
Latchup immunity on the SMJ27C040 is a minimum of 250mA
on all inputs and outputs. This feature provides latchup
immunity beyond any potential transients at the P.C. board level
when the EPROM is interfaced to industry standard TTL or
MOS logic devices. The input/output layout approach
controls latchup without compromising performance or
packing density.
POWER DOWN
Active I
CC
supply current can be reduced from 70mA to 1mA
for a high TTL input on E\ and to 100µA for a high CMOS
input on E\. In this mode all outputs are in the high-
impedance state.
ERASURE
Before programming, the SMJ27C040 EPROM is erased by
exposing the chip through the transparent lid to a high
intensity ultraviolet-light (wavelength 2537 Å).
The
recommended minimum exposure dose (UV intensity x
exposure time) is 15-W
.s/cm2. A typical 12-mW/cm2,
filterless UV lamp erases the device in 21 minutes. The lamp
should be located about 2.5cm above the chip during erasure.
After erasure, all bits are in the high state. It should be noted
that normal ambient light contains the correct wavelength for
erasure. Therefore, when using the SMJ27C040, the window
should be covered with an opaque label. After erasure (all
bits in logic high state), logic lows are programmed into the
desired locations. A programmed low can be erased only by
ultraviolet light.
SNAP! PULSE PROGRAMMING
The SMJ27C040 is programmed by using the SNAP! Pulse
programming algorithm. The programming sequence is shown
in the SNAP! Pulse programming flow chart (Figure 1).
The initial setup is V
PP
= 13V, V
CC
= 6.5V, E\ = V
IH
, and
G\ = V
IL
. Once the initial location is selected, the data is
presented in parallel (eight bits) on pins DQ1 through DQ8.
Once addresses and data are stable, the programming mode is
achieved when E\ is pulsed low (V
IL
) with a pulse duration of
t
W(PGM)
. Every location is programmed only once before
going to interactive mode.
In the interactive mode, the word is verified at V
PP
= 13V,
V
CC
= 6.5V, E\ = V
IH
, and G\ = V
IL
. If the correct data is not
read, the programming is performed by pulling G\ high, then
E\ low with a pulse duration of t
W(PGM)
. This sequence of
verification and programming is performed up to a maximum
of 10 times. When the device is fully programmed, all bytes
are verified with V
CC
= V
PP
= 5V ± 10%.
PROGRAM INHIBIT
Programming can be inhibited by maintaining high level
inputs on the E\ and G\ pins.
PROGRAM VERIFY
Programmed bits can be verified with V
PP
= 13V when
G\ = V
IL
, and E\ = V
IH
.
SIGNATURE MODE
The signature mode provides access to a binary code
identifying the manufacturer and type. This mode is activated
when A9 (pin 26) is forced to 12V. Two identifier bytes are
accessed by toggling A0. All other addresses must be held
low. The signature code for the SMJ27C040 is 9750. A0 low
selects the manufacturer’s code 97 (Hex), and A0 high
selects the device code 50 (Hex), as shown in Table 2.
TABLE 2. SIGNATURE MODES
A0
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
HEX
MANUFACTURER CODE
VIL
10010111
97
DEVICE CODE
VIH
01010000
50
IDENTIFIER*
PINS
* E\ = G\ = V
IL
, A1 - A8 = V
IL
, A9 = V
H
, A10 - A18 = V
IL
, V
PP
= V
CC
.


Similar Part No. - SMJ27C040

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C010A AUSTIN-SMJ27C010A Datasheet
142Kb / 11P
   UVEPROM
SMJ27C010A AUSTIN-SMJ27C010A Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Micross Components
SMJ27C010A MICROSS-SMJ27C010A Datasheet
281Kb / 11P
   Industry standard 32-pin ceramic dual-in-line package
logo
Austin Semiconductor
SMJ27C010A-12 AUSTIN-SMJ27C010A-12 Datasheet
142Kb / 11P
   UVEPROM
SMJ27C010A-12JM AUSTIN-SMJ27C010A-12JM Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results

Similar Description - SMJ27C040

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
[Old version datasheet]   131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
[Old version datasheet]   Erasable programmable read-only memory
logo
Austin Semiconductor
SMJ27C010A AUSTIN-SMJ27C010A_05 Datasheet
281Kb / 11P
   1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Fujitsu Component Limit...
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com