Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962G9689103QYX Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # 5962G9689103QYX
Description  Radiation-Hardened 32K x 8 PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962G9689103QYX Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  5962G9689103QYX Datasheet HTML 1Page - Aeroflex Circuit Technology 5962G9689103QYX Datasheet HTML 2Page - Aeroflex Circuit Technology 5962G9689103QYX Datasheet HTML 3Page - Aeroflex Circuit Technology 5962G9689103QYX Datasheet HTML 4Page - Aeroflex Circuit Technology 5962G9689103QYX Datasheet HTML 5Page - Aeroflex Circuit Technology 5962G9689103QYX Datasheet HTML 6Page - Aeroflex Circuit Technology 5962G9689103QYX Datasheet HTML 7Page - Aeroflex Circuit Technology 5962G9689103QYX Datasheet HTML 8Page - Aeroflex Circuit Technology 5962G9689103QYX Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Standard Products
UT28F256 Radiation-Hardened 32K x 8 PROM
Data Sheet
December 2002
FEATURES
q Programmable, read-only, asynchronous, radiation-
hardened, 32K x 8 memory
-
Supported by industry standard programmer
q 45ns and 40ns maximum address access time (-55 oC to
+125 oC)
q TTL compatible input and TTL/CMOS compatible output
levels
q Three-state data bus
q Low operating and standby current
-
Operating: 125mA maximum @25MHz
• Derating: 3mA/MHz
-
Standby: 2mA maximum (post-rad)
q Radiation-hardened process and design; total dose
irradiation testing to MIL-STD-883, Method 1019
-
Total dose: 1E6 rad(Si)
-
LET
TH(0.25) ~ 100 MeV-cm
2/mg
-
SEL Immune >128 MeV-cm
2/mg
- Saturated Cross Section cm
2 per bit, 1.0E-11
- 1.2E-8 errors/device-day, Adams 90% geosynchronous
heavy ion
-
Memory cell LET threshold: >128 MeV-cm
2/mg
q QML Q & V compliant part
-
AC and DC testing at factory
q Packaging options:
-
28-lead 50-mil center flatpack (0.490 x 0.74)
-
28-lead 100-mil center DIP (0.600 x 1.4) - contact factory
q V
DD: 5.0 volts + 10%
q Standard Microcircuit Drawing 5962-96891
PRODUCT DESCRIPTION
The UT28F256 amorphous silicon anti-fuse PROM is a high
performance, asynchronous, radiation-hardened,
32K x 8 programmable memory device. The UT28F256 PROM
features fully asychronous operation requiring no external clocks
or timing strobes. An advanced radiation-hardened twin-well
CMOS process technology is used to implement the UT28F256.
The combination of radiation-hardness, fast access time, and low
power consumption make the UT28F256 ideal for high speed
systems designed for operation in radiation environments.
DECODER
MEMORY
ARRAY
SENSE AMPLIFIER
PROGRAMMING
CONTROL
LOGIC
DQ(7:0)
A(14:0)
CE
PE
OE
Figure 1. PROM Block Diagram


Similar Part No. - 5962G9689103QYX

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962G9563801QQA AEROFLEX-5962G9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQC AEROFLEX-5962G9563801QQC Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQX AEROFLEX-5962G9563801QQX Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
5962G9563801QQYA ETC2-5962G9563801QQYA Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962G9563801QQYC ETC2-5962G9563801QQYC Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results

Similar Description - 5962G9689103QYX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Cypress Semiconductor
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
Intersil Corporation
HS-6664RH INTERSIL-HS-6664RH Datasheet
258Kb / 5P
   Radiation Hardened 8kx8 CMOS PROM
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
   32K (4K X 8) UV ERASABLE PROM
M27256 INTEL-M27256 Datasheet
554Kb / 9P
   256K(32K x 8) UV ERASABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
   32k-Bit (4k x 8) UV Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com